Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2P2309NZ Datasheet(PDF) 6 Page - ON Semiconductor

Part # PCS2P2309NZ
Description  3.3 V 1:9 Clock Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS2P2309NZ Datasheet(HTML) 6 Page - ON Semiconductor

  PCS2P2309NZ Datasheet HTML 1Page - ON Semiconductor PCS2P2309NZ Datasheet HTML 2Page - ON Semiconductor PCS2P2309NZ Datasheet HTML 3Page - ON Semiconductor PCS2P2309NZ Datasheet HTML 4Page - ON Semiconductor PCS2P2309NZ Datasheet HTML 5Page - ON Semiconductor PCS2P2309NZ Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PCS2P2309NZ
http://onsemi.com
6
Table 6. ORDERING INFORMATION
Part Number
Marking
Package Type
Temperature
PCS2P2309NZF−16−ST
2P2309NZF
16−pin 150−mil SOIC, Pb Free
Commercial
PCS2P2309NZF−16−SR
2P2309NZF
16−pin 150−mil SOIC, Tape and Reel, Pb Free
Commercial
PCS2I2309NZF−16−ST
2I2309NZF
16−pin 150−mil SOIC, Pb Free
Industrial
PCS2I2309NZF−16−SR
2I2309NZF
16−pin 150−mil SOIC, Tape and Reel, Pb Free
Industrial
PCS2P2309NZG−16−ST
2P2309NZG
16−pin 150−mil SOIC, Green
Commercial
PCS2P2309NZG−16−SR
2P2309NZG
16−pin 150−mil SOIC, Tape and Reel, Green
Commercial
P2I2309NZG−16−ST
2I2309NZG
16−pin 150−mil SOIC, Green
Industrial
PCS2I2309NZG16SR
2I2309NZG
16−pin 150−mil SOIC ,Tape and Reel, Green
Industrial
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PCS2P2309NZ/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - PCS2P2309NZ

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P2309NZ PULSECORE-PCS2P2309NZ Datasheet
391Kb / 9P
   Nine Output 3.3V Buffer
PCS2P2309NZ PULSECORE-PCS2P2309NZ Datasheet
320Kb / 8P
   3.3V 1:9 Clock Buffer
PCS2P2309NZF-16-SR PULSECORE-PCS2P2309NZF-16-SR Datasheet
391Kb / 9P
   Nine Output 3.3V Buffer
PCS2P2309NZF-16-SR PULSECORE-PCS2P2309NZF-16-SR Datasheet
320Kb / 8P
   3.3V 1:9 Clock Buffer
PCS2P2309NZF-16-ST PULSECORE-PCS2P2309NZF-16-ST Datasheet
391Kb / 9P
   Nine Output 3.3V Buffer
More results

Similar Description - PCS2P2309NZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS2I2309NZ ONSEMI-PCS2I2309NZ Datasheet
110Kb / 6P
   3.3 V 1:9 Clock Buffer
October, 2014 ??Rev. 0
logo
NXP Semiconductors
PCK9447 PHILIPS-PCK9447 Datasheet
92Kb / 17P
   3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
Rev. 01-13 October 2005
logo
Renesas Technology Corp
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
   3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
logo
PulseCore Semiconductor
PCS2P2309NZ PULSECORE-PCS2P2309NZ_1 Datasheet
320Kb / 8P
   3.3V 1:9 Clock Buffer
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553 Datasheet
74Kb / 6P
   2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
March, 2006 ??Rev. 0
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
NB2309A ONSEMI-NB2309A_15 Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
MC100LVEL37 ONSEMI-MC100LVEL37_16 Datasheet
152Kb / 7P
   3.3 V ECL Clock Fanout Buffer
July, 2016 ??Rev. 7
NB2304A ONSEMI-NB2304A_10 Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com