Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP-3139H Datasheet(PDF) 7 Page - ON Semiconductor

Part # TCP-3139H
Description  3.9 pF Passive Tunable Integrated Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCP-3139H Datasheet(HTML) 7 Page - ON Semiconductor

  TCP-3139H Datasheet HTML 1Page - ON Semiconductor TCP-3139H Datasheet HTML 2Page - ON Semiconductor TCP-3139H Datasheet HTML 3Page - ON Semiconductor TCP-3139H Datasheet HTML 4Page - ON Semiconductor TCP-3139H Datasheet HTML 5Page - ON Semiconductor TCP-3139H Datasheet HTML 6Page - ON Semiconductor TCP-3139H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TCP−3139H
www.onsemi.com
7
PACKAGE DIMENSIONS
WLCSP12, 1.13x0.65
CASE 567KG
ISSUE A
SEATING
PLANE
0.05 C
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. COPLANARITY APPLIES TO SPHERICAL
CROWNS OF SOLDER BALLS.
4. BACKSIDE TAPE APPLIED TO IMPROVE
PIN 1 MARKING.
2X
DIM
A
MIN
MAX
0.275
MILLIMETERS
A1
D
1.134 BSC
E
b1
0.044
0.094
e
0.150 BSC
0.345
E
D
A B
PIN A1
REFERENCE
e4
0.05 C
C
B
A
0.06 C
A1
C
0.045
0.085
0.652 BSC
DIMENSIONS: MILLIMETERS
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.05 C
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 3
e
e1
0.159 BSC
RECOMMENDED
PACKAGE
OUTLINE
12
A1
b
0.079
0.129
A
e3
DETAIL A
e2
0.300 BSC
e3
0.460 BSC
e4
0.425 BSC
DETAIL A
A
0.05
B
C
0.03 C
10X
b
DETAIL B
E
D
F
e1
e2
10X
b1
DETAIL B
A
0.05
B
C
0.03 C
2X
b1
2X
b
0.13
2X
0.59
0.59
0.57
0.15
2X
0.75
2X
0.52
0.13
2X
0.51
DETAIL C
NOTE 4
TAPE
DETAIL C
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
TCP−3139H/D
ParaScan is a trademark of Paratek Microwave, Inc.
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - TCP-3139H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-3133H ONSEMI-TCP-3133H Datasheet
209Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3133H-DT ONSEMI-TCP-3133H-DT Datasheet
209Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
More results

Similar Description - TCP-3139H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-4139UB ONSEMI-TCP-4139UB Datasheet
239Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3039N ONSEMI-TCP-3039N Datasheet
209Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1
TCP-3039H ONSEMI-TCP-3039H Datasheet
353Kb / 9P
   3.9 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
TCP-5039UB ONSEMI-TCP-5039UB Datasheet
230Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. 0
TCP-3133H ONSEMI-TCP-3133H Datasheet
209Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3127H ONSEMI-TCP-3127H Datasheet
233Kb / 7P
   2.7 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3033N ONSEMI-TCP-3033N Datasheet
224Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1
TCP-3068N ONSEMI-TCP-3068N Datasheet
243Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits
October, 2014 ??Rev. 0
TCP-4168UB ONSEMI-TCP-4168UB Datasheet
238Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3156H ONSEMI-TCP-3156H Datasheet
217Kb / 7P
   5.6 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com