Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP-4139UB Datasheet(PDF) 2 Page - ON Semiconductor

Part # TCP-4139UB
Description  3.9 pF Passive Tunable Integrated Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCP-4139UB Datasheet(HTML) 2 Page - ON Semiconductor

  TCP-4139UB Datasheet HTML 1Page - ON Semiconductor TCP-4139UB Datasheet HTML 2Page - ON Semiconductor TCP-4139UB Datasheet HTML 3Page - ON Semiconductor TCP-4139UB Datasheet HTML 4Page - ON Semiconductor TCP-4139UB Datasheet HTML 5Page - ON Semiconductor TCP-4139UB Datasheet HTML 6Page - ON Semiconductor TCP-4139UB Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TCP−4139UB
www.onsemi.com
2
Figure 1. PTIC Functional Block Diagram
NC
RF1
DC Bias 1
RF2
A1
A2
B1
B2
Table 1. SIGNAL DESCRIPTIONS
Ball / Pad Number
Pin Name
Description
A1
DC Bias 1
DC Bias Voltage
B1
RF2
RF Input / Output
A2
NC
Not Connected
B2
RF1
RF Input / Output


Similar Part No. - TCP-4139UB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-4133UA ONSEMI-TCP-4133UA Datasheet
232Kb / 7P
   High-Linearity 3.3 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4133UB ONSEMI-TCP-4133UB Datasheet
232Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
More results

Similar Description - TCP-4139UB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-3139H ONSEMI-TCP-3139H Datasheet
217Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
TCP-3039N ONSEMI-TCP-3039N Datasheet
209Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1
TCP-3039H ONSEMI-TCP-3039H Datasheet
353Kb / 9P
   3.9 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
TCP-5039UB ONSEMI-TCP-5039UB Datasheet
230Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. 0
TCP-3133H ONSEMI-TCP-3133H Datasheet
209Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3127H ONSEMI-TCP-3127H Datasheet
233Kb / 7P
   2.7 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3033N ONSEMI-TCP-3033N Datasheet
224Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1
TCP-3068N ONSEMI-TCP-3068N Datasheet
243Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits
October, 2014 ??Rev. 0
TCP-4168UB ONSEMI-TCP-4168UB Datasheet
238Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3156H ONSEMI-TCP-3156H Datasheet
217Kb / 7P
   5.6 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com