Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP-4139UB Datasheet(PDF) 4 Page - ON Semiconductor

Part # TCP-4139UB
Description  3.9 pF Passive Tunable Integrated Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCP-4139UB Datasheet(HTML) 4 Page - ON Semiconductor

  TCP-4139UB Datasheet HTML 1Page - ON Semiconductor TCP-4139UB Datasheet HTML 2Page - ON Semiconductor TCP-4139UB Datasheet HTML 3Page - ON Semiconductor TCP-4139UB Datasheet HTML 4Page - ON Semiconductor TCP-4139UB Datasheet HTML 5Page - ON Semiconductor TCP-4139UB Datasheet HTML 6Page - ON Semiconductor TCP-4139UB Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TCP−4139UB
www.onsemi.com
4
Representative performance data at 25
5C for 3.9 pF WLCSP Package
Figure 2. Capacitance
Figure 3. Harmonic Power*
Figure 4. IP3*
Figure 5. Q*
*Data shown is representative only.
Table 3. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
Input Power
+40
dBm
Bias Voltage
+25 (Note 5)
V
Operating Temperature Range
−30 to +85
°C
Storage Temperature Range
−55 to +125
°C
ESD − Human Body Model
Class 1B JEDEC HBM Standard (Note 6)
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
5. WLCSP: Recommended Bias Voltage not to exceed 24 V.
6. Class 1B defined as passing 500 V, but may fail after exposure to 1000 V ESD pulse.


Similar Part No. - TCP-4139UB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-4133UA ONSEMI-TCP-4133UA Datasheet
232Kb / 7P
   High-Linearity 3.3 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4133UB ONSEMI-TCP-4133UB Datasheet
232Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
More results

Similar Description - TCP-4139UB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-3139H ONSEMI-TCP-3139H Datasheet
217Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
TCP-3039N ONSEMI-TCP-3039N Datasheet
209Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1
TCP-3039H ONSEMI-TCP-3039H Datasheet
353Kb / 9P
   3.9 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
TCP-5039UB ONSEMI-TCP-5039UB Datasheet
230Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. 0
TCP-3133H ONSEMI-TCP-3133H Datasheet
209Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3127H ONSEMI-TCP-3127H Datasheet
233Kb / 7P
   2.7 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3033N ONSEMI-TCP-3033N Datasheet
224Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1
TCP-3068N ONSEMI-TCP-3068N Datasheet
243Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits
October, 2014 ??Rev. 0
TCP-4168UB ONSEMI-TCP-4168UB Datasheet
238Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3156H ONSEMI-TCP-3156H Datasheet
217Kb / 7P
   5.6 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com