Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1106FC2-80 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJW1106FC2-80
Description  DOLBY PRO LOGIC SURROUND DECODER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1106FC2-80 Datasheet(HTML) 3 Page - New Japan Radio

  NJW1106FC2-80 Datasheet HTML 1Page - New Japan Radio NJW1106FC2-80 Datasheet HTML 2Page - New Japan Radio NJW1106FC2-80 Datasheet HTML 3Page - New Japan Radio NJW1106FC2-80 Datasheet HTML 4Page - New Japan Radio NJW1106FC2-80 Datasheet HTML 5Page - New Japan Radio NJW1106FC2-80 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Ver.1.0
NJW1106
- 3 -
n
n
n
n ELECTRICAL CHARACTERISTICS (VCC=10V, VDD=5V, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
XOTHER SURROUND
Total Harmonic Distortion
THDOS
Vin=0dBd,f=1kHz
L+R,L-R output
-
0.05
0.2
dB
Headroom
HROS
VCC=9V at THD=1%
L+R,L-R mode
15
17
-
dB
Signal to Noise Ratio
SNOS
Rg=0,weighted:CCIR/ARM
L+R,L-R mode
75
80
-
dB
XDIGITAL TIME DELAY
12.4
15.4
18.4
ms
17.5
20.5
23.5
ms
22.6
25.6
28.6
ms
27.7
30.7
33.7
ms
38.0
41.0
44.0
ms
48.2
51.2
54.2
ms
Delay Time
Td
fOSC=4MHz
58.4
61.4
64.4
ms
Total Gain
Gv
-3.0
0.0
3.0
dB
Td=15.4ms
-
0.3
0.6
%
Td=20.5ms
-
0.3
0.6
%
Td=25.6ms
-
0.4
0.8
%
Td=30.7ms
-
0.5
1.0
%
Td=41.0ms
-
0.6
1.2
%
Td=51.2ms
-
0.7
1.4
%
Total Harmonic Distortion
THD
Vin=0.3Vrms
f=1kHz
30kHz LPF
Td=61.4ms
-
0.8
1.6
%
Maximum Output Voltage
Vomax
Vin:f=1kHz
30kHz LPF,THD=3%
1.5
1.8
-
Vrms
Td=15.4ms
-
-85
-75
dBV
Td=20.5ms
-
-85
-75
dBV
Td=25.6ms
-
-85
-75
dBV
Td=30.7ms
-
-80
-70
dBV
Td=41.0ms
-
-80
-70
dBV
Td=51.2ms
-
-80
-70
dBV
Output Noise Voltage
No
Rg=600
:
Vin=0Vrms
JIS-A
Td=61.4ms
-
-75
-65
dBV
XDIGITAL AUXILIARY OUTPUT
Low Level Output
VOL
Output Current=-1mA
0.0
-
0.3VDD
dB
High Level Output
VOH
Output Current=1mA
0.7VDD
-VDD
dB


Similar Part No. - NJW1106FC2-80

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1102 NJRC-NJW1102 Datasheet
164Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102A NJRC-NJW1102A Datasheet
158Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102AF1 NJRC-NJW1102AF1 Datasheet
158Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102FG1 NJRC-NJW1102FG1 Datasheet
164Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
More results

Similar Description - NJW1106FC2-80

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Mitsubishi Electric Sem...
M62462FP MITSUBISHI-M62462FP Datasheet
112Kb / 13P
   Dolby Pro Logic Surround Decoder
M62464AFP MITSUBISHI-M62464AFP Datasheet
247Kb / 22P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1102A NJRC-NJW1102A Datasheet
158Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102 NJRC-NJW1102 Datasheet
164Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com