Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGC051BS Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # SGC051BS
Description  Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGC051BS Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  SGC051BS_15 Datasheet HTML 1Page - GOOD-ARK Electronics SGC051BS_15 Datasheet HTML 2Page - GOOD-ARK Electronics SGC051BS_15 Datasheet HTML 3Page - GOOD-ARK Electronics SGC051BS_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SGC051BS
Surface Mount Schottky Rectifier
Reverse Voltage 100V Forward Current 5A
www.goodark.com
3/4
2014.03-Rev.A
Package Outline Dimensions
in inches (millimeters)
MIN
MAX
MIN
MAX
HE
6.4
6.6
0.252 0.260
DIM
Unit: mm
Unit: inch
HE
6.4
6.6
0.252 0.260
E
5.6
5.8
0.220 0.228
D
4.1
4.3
0.161 0.169
B1
1.7
1.9
0.067 0.075
B2
0.8
1
0.031 0.039
A
1.05
1.2
0.041 0.047
C
0.3
0.4
0.012 0.016
L
0.85
1.1
0.033 0.043
L1
42
44
0 165 0 173
L1
4.2
4.4
0.165 0.173
L2
L3
1.1
1.4
0.043 0.055
D1
3
3.3
0.118 0.130
E1
3.52 Typ.
0.139 Typ.
1.86 Typ.
0.073 Typ.
Soldering  footprint
Packing Information
Packing quantities:
5000 pcs/Reel,12mm Tape, 13" Reel
Tape & Reel Specification
Tape & Reel Specification
www.goodark.com
3/4
2014.03-Rev.A


Similar Part No. - SGC051BS_15

ManufacturerPart #DatasheetDescription
logo
Surge Components
SGC051BS SURGE-SGC051BS Datasheet
162Kb / 3P
   Reverse Voltage 100V Forward Current 5A
logo
GOOD-ARK Electronics
SGC051BS GOOD-ARK-SGC051BS Datasheet
209Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - SGC051BS_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LS5B0 GOOD-ARK-LS5B0_15 Datasheet
194Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
LS5BH GOOD-ARK-LS5BH_15 Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
logo
First Silicon Co., Ltd
SS5U100PA FS-SS5U100PA Datasheet
442Kb / 3P
   Surface Mount Schottky Rectifier Reverse Voltage 100V , Forward Current 5A
logo
GOOD-ARK Electronics
LSL5B GOOD-ARK-LSL5B Datasheet
263Kb / 4P
   Trench Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
SGC051B5S GOOD-ARK-SGC051B5S_15 Datasheet
205Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 150V Forward Current 5A
LS565T GOOD-ARK-LS565T Datasheet
195Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 65V Forward Current 5A
SGC151BS GOOD-ARK-SGC151BS_15 Datasheet
209Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 15A
SGC101BSH GOOD-ARK-SGC101BSH_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC101BSD GOOD-ARK-SGC101BSD_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC201BS GOOD-ARK-SGC201BS_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 20A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com