Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS566250DDAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS566250DDAR
Description  TPS566250 4.5-V to 17-V Input, 6-A Synchronous Step-Down Converter With VID Control
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS566250DDAR Datasheet(HTML) 5 Page - Texas Instruments

  TPS566250DDAR Datasheet HTML 1Page - Texas Instruments TPS566250DDAR Datasheet HTML 2Page - Texas Instruments TPS566250DDAR Datasheet HTML 3Page - Texas Instruments TPS566250DDAR Datasheet HTML 4Page - Texas Instruments TPS566250DDAR Datasheet HTML 5Page - Texas Instruments TPS566250DDAR Datasheet HTML 6Page - Texas Instruments TPS566250DDAR Datasheet HTML 7Page - Texas Instruments TPS566250DDAR Datasheet HTML 8Page - Texas Instruments TPS566250DDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TPS566250
www.ti.com
SLVSCV3B – MARCH 2015 – REVISED JUNE 2015
7.5 Electrical Characteristics
Over operating junction temperature range, VIN = 12 V (Unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE
IIN
VIN supply current
TA = 25°C, EN = 5 V, FB = 0.7 V (non switching)
450
525
µA
I(VINSDN)
VIN shutdown current
TA = 25°C, EN = 0 V
6.5
10
µA
LOGIC THRESHOLD
V(ENH)
EN H-level threshold voltage
1.1
1.6
V
V(ENL)
EN L-level threshold voltage
0.6
0.94
V
Hystersis
160
mV
R(EN)
EN pin resistance to GND
V(EN) = 12 V
225
350
800
k
Ω
FEEDBACK VOLTAGE
TA = 0°C to 85°C
VOUT = 1.1 V, Upper/lower feedback resistors:
–1.6%
0
1.6%
1.37 k
Ω / 1.65 kΩ
V(FB)
FB voltage
TA = 25°C, VOUT = 1.1 V, IOUT = 10 mA, pulse
0.606
V
skipping
TA = 25°C, VOUT = 1.1 V, continuous current mode
0.594
0.6
0.606
V
MOSFET
rDS(on)H
High side switch resistance
BOOT - SW = 5.5 V
44
74
m
Ω
rDS(on)L
Low side switch resistance
VIN = 12 V
23
35
m
Ω
Discharge FET
200
Ω
ON-TIME TIMER CONTROL
fsw
Switching frequency
LOUT = 1.5 µH, COUT = 22 µF x 2, VOUT = 1.1 V
650
kHz
CURRENT LIMIT
Valley current limit
LOUT = 1.5 µH, VOUT = 1.1 V, VIN = 12 V
7.6
9.5
11.4
A
IOCL
Reverse valley current limit
LOUT = 1.5 µH, VOUT = 1.1 V
1.5
4.5
7
A
OUTPUT UNDERVOLTAGE PROTECTION
V(UVP)
Output UVP trip threshold
UVP detect (H > L)
65%
THERMAL SHUTDOWN
Shutdown temperature(1)
165
°C
TSDN
Thermal shutdown Threshold
Hysteresis(1)
15
°C
UVLO
VIN rising voltage
3.26
3.75
4.05
V
UVLO
UVLO Threshold
Hysteresis VIN voltage
0.13
0.33
0.48
V
PGOOD VIA I2C
FB falling (fault) VO = 1.1 V
80%
FB rising (good) VO = 1.1 V
85%
V(PGOODTH)
PGOOD threshold
FB rising (fault) VO = 1.1 V
125%
FB falling (good) VO = 1.1 V
120%
SERIAL INTERFACE(1) (2) (3)
VIL
LOW level input voltage
0.6
V
VIH
HIGH level input voltage
1.85
V
Vhys
Hysteresis of schmitt trigger inputs
0.11
V
LOW level output voltage
VOL
0.4
V
(Open drain, 3 mA sink current)
fSCL
SCL clock frequency
400
kHz
Cb
Capacitive load for each bus line
400
pF
(1)
Specified by design. Not production tested.
(2)
Refer to Figure 1 for I2C Timing Definitions
(3)
Cb = capacitance of bus line in pF
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS566250


Similar Part No. - TPS566250DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS566231 TI1-TPS566231 Datasheet
1Mb / 31P
[Old version datasheet]   TPS566231, TPS566238 3-V to 17-V Input, 6-A Synchronous Step-Down Voltage Regulator
TPS566231 TI-TPS566231 Datasheet
1Mb / 30P
[Old version datasheet]   TPS56623x 3-V to 18-V Input, 6-A Synchronous Step-Down Voltage Regulator
TPS566231P TI-TPS566231P Datasheet
1Mb / 30P
[Old version datasheet]   TPS56623x 3-V to 18-V Input, 6-A Synchronous Step-Down Voltage Regulator
TPS566231PRQFR TI-TPS566231PRQFR Datasheet
1Mb / 30P
[Old version datasheet]   TPS56623x 3-V to 18-V Input, 6-A Synchronous Step-Down Voltage Regulator
TPS566231RQFR TI1-TPS566231RQFR Datasheet
1Mb / 31P
[Old version datasheet]   TPS566231, TPS566238 3-V to 17-V Input, 6-A Synchronous Step-Down Voltage Regulator
More results

Similar Description - TPS566250DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54622 TI1-TPS54622_17 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT Converter With Hiccup Protection
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com