Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS652510 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS652510
Description  4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS652510 Datasheet(HTML) 3 Page - Texas Instruments

  TPS652510_15 Datasheet HTML 1Page - Texas Instruments TPS652510_15 Datasheet HTML 2Page - Texas Instruments TPS652510_15 Datasheet HTML 3Page - Texas Instruments TPS652510_15 Datasheet HTML 4Page - Texas Instruments TPS652510_15 Datasheet HTML 5Page - Texas Instruments TPS652510_15 Datasheet HTML 6Page - Texas Instruments TPS652510_15 Datasheet HTML 7Page - Texas Instruments TPS652510_15 Datasheet HTML 8Page - Texas Instruments TPS652510_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
BUCK1
BUCK2
BUCK3
V3V
V7V
CLOCK
ROSC
VIN1
RLIM1
EN1
BST1
LX1
LX1
FB1
CMP1
BST2
LX2
LX2
FB2
CMP2
BST3
LX3
LX3
FB3
CMP3
12V
SS1
VIN2
RLIM2
EN2
SS2
VIN3
RLIM3
EN3
SS3
CV3P3
CV7
ROSC
CSS1
CSS2
CSS3
RILIM1
RILIM2
RILIM3
CBST1
CBST2
CBST3
LDC1
LDC2
LDC3
RCMP1
CCMP1
RCMP2
CCMP2
RFB1U
RFB1L
RFB2U
RFB2L
RFB3U
RFB3L
CODC2
CODC3
CODC1
CIDC1
CIDC2
CIDC3
for sequenced
start-up
External enable
External enable
External enable
for sequenced
start-up
for sequenced
start-up
+
Low Power mode
Low Power mode
Low Power mode
CCMP22
CCMP11
Biasing
0.8V
0.8V
0.8V
1µA
1µA
1µA
PG&RST
generator
PGOOD
VPULL
CCMP33
High for forced PWM
Low por autoamtic PFM/PWM mode
F_PWM
RCMP3
CCMP3
TPS652510
www.ti.com
SLVSB30B – SEPTEMBER 2011 – REVISED AUGUST 2013
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS652510


Similar Part No. - TPS652510_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS652510RHAR TI1-TPS652510RHAR Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS652510RHAT TI1-TPS652510RHAT Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
More results

Similar Description - TPS652510_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS65258 TI1-TPS65258 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET AND 2 USB SWITCHES
TPS65288 TI1-TPS65288 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
TPS65287 TI1-TPS65287 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter
TPS65257 TI1-TPS65257 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
TPS65257 TI-TPS65257_15 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS65251 TI-TPS65251_15 Datasheet
2Mb / 35P
[Old version datasheet]   TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
TPS65251-1 TI-TPS65251-1_15 Datasheet
3Mb / 39P
[Old version datasheet]   TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
TPS65253 TI-TPS65253_15 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com