Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44431 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE44431
Description  SSMA Male Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44431 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE44431 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44431 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44431 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2013 Pasternack Enterprises All Rights Reserved
3
PE44431 REV 01
SSMA Male Connector Solder Attachment 2 Hole Flange
Solder Cup Terminal, .328 inch Hole Spacing
PE44431 CAD Drawing


Similar Part No. - PE44431

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4443 PASTERNACK-PE4443 Datasheet
124Kb / 1P
   N FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE44430 PASTERNACK-PE44430 Datasheet
809Kb / 2P
   SSMA Male Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44432 PASTERNACK-PE44432 Datasheet
809Kb / 2P
   SSMA Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
PE44433 PASTERNACK-PE44433 Datasheet
220Kb / 3P
   SSMA Female Connector Solder Attachment 2 Hole Flange Pin Terminal, .328 inch Hole Spacing
PE44434 PASTERNACK-PE44434 Datasheet
220Kb / 3P
   SSMA Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .232 inch Hole Spacing
More results

Similar Description - PE44431

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44395 PASTERNACK-PE44395 Datasheet
221Kb / 3P
   SSMA Female Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE44433 PASTERNACK-PE44433 Datasheet
220Kb / 3P
   SSMA Female Connector Solder Attachment 2 Hole Flange Pin Terminal, .328 inch Hole Spacing
PE44140 PASTERNACK-PE44140 Datasheet
254Kb / 2P
   SMC Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE44139 PASTERNACK-PE44139 Datasheet
253Kb / 3P
   SMB Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE4891 PASTERNACK-PE4891 Datasheet
460Kb / 3P
   MCX Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE44432 PASTERNACK-PE44432 Datasheet
809Kb / 2P
   SSMA Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
PE44394 PASTERNACK-PE44394 Datasheet
220Kb / 3P
   SSMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
PE4125 PASTERNACK-PE4125 Datasheet
228Kb / 3P
   SMA Male Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .481 inch Hole Spacing
PE44141 PASTERNACK-PE44141 Datasheet
323Kb / 3P
   75 Ohm Mini SMB Jack Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal, .328 inch Hole Spacing
PE4082 PASTERNACK-PE4082 Datasheet
256Kb / 2P
   BNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal 531 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com