Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2854B-EP Datasheet(PDF) 8 Page - Texas Instruments

Part # UC2854B-EP
Description  UC2854B-EP Advanced High-Power Factor Preregulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2854B-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button UC2854B-EP_15 Datasheet HTML 4Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 5Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 6Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 7Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 8Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 9Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 10Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 11Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
10 k
−60
100 k
−40
0
20
60
80
100
120
1 M
10 M
−20
40
140
GAIN
fCO = 5.992 MHz
f − Frequency − Hz
PHASE
−90
−45
−0
0
−20
40
20
60
80
100
120
100
1000
10 k
100 k
1 M
10 M
GAIN
PHASE
f − Frequency − Hz
0
−20
40
20
60
80
100
120
IAC − Supply Current − µA
0
0.84
0.80
50
100
0.88
0.96
0.92
1.00
1.04
1.08
1.16
1.12
1.20
150
200
250
VRMS = 1.5 V
VRMS = 1.5 V
VRMS = 5 V
VA Out = 5 V
0
0.84
0.80
50
100
0.88
0.96
0.92
1.00
1.04
1.08
1.16
1.12
1.20
150
200
250
IAC − Supply Current − µA
VRMS = 3 V
VRMS = 5 V
VRMS = 1.5 V
VA Out = 3.5 V
0
0
100
300
400
500
600
800
200
700
0.01
0.02
0.03
0.04
0.05
CLOAD − Load Capacitance − µF
Rise Time
Fall Time
1000
70
75
80
85
90
95
100
10 k
100 k
RSET − Oscillator Charging Resistance − Ω
UC2854B-EP
SGLS318A – NOVEMBER 2005 – REVISED NOVEMBER 2015
www.ti.com
7.6 Typical Characteristics
Figure 3. Gate Drive Maximum Duty Cycle vs Oscillator
Figure 2. Gate Drive Timing vs Load Capacitance
Charging Resistance
Figure 4. Multiplier Gain Constant vs Supply Current
Figure 5. Multiplier Gain Constant vs Supply Current
Figure 7. Voltage Amplifier Gain vs Frequency
Figure 6. Current Amplifier Gain vs Frequency
8
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: UC2854B-EP


Similar Part No. - UC2854B-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2854B-EP TI1-UC2854B-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   Advanced High-Power Factor Preregulator
More results

Similar Description - UC2854B-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2854B-EP TI1-UC2854B-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   Advanced High-Power Factor Preregulator
UC1854B TI-UC1854B Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_15 Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_13 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com