Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28910 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28910
Description  High-Voltage Flyback Switcher with Primary-Side Regulation and Output Current Control
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28910 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC28910 Datasheet HTML 3Page - Texas Instruments UCC28910 Datasheet HTML 4Page - Texas Instruments UCC28910 Datasheet HTML 5Page - Texas Instruments UCC28910 Datasheet HTML 6Page - Texas Instruments UCC28910 Datasheet HTML 7Page - Texas Instruments UCC28910 Datasheet HTML 8Page - Texas Instruments UCC28910 Datasheet HTML 9Page - Texas Instruments UCC28910 Datasheet HTML 10Page - Texas Instruments UCC28910 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
UCC28910
UCC28911
www.ti.com
SLUS769C – JULY 2013 – REVISED MARCH 2015
8 Specifications
8.1 Absolute Maximum Ratings
(unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Internally
VDRAIN
DRAIN voltage
700
V
limited(3)
IDRAIN
Negative drain current
–100
mA
Internally
VDD
Supply voltage
V
limited(3)
IVDD(clp)
Maximum VDD clamp current
10
mA
Internally
VVS
Voltage range
7
V
limited(3)
VIPK
Voltage range
−0.5
5.0
V
IVS
Peak VS pin current (current out of the pin)
−1.2
mA
Pulsed drain current(4), UCC28910
950
mA
IDRAIN
Pulsed drain current(4), UCC28911
1200
mA
TLEAD
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds
260
°C
TJ
Operating junction temperature range
−55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND. Currents are positive into, negative out of the specified pin. These ratings apply over the operating
ambient temperature ranges unless otherwise noted.
(3)
Do not drive with low impedance voltage source.
(4)
Maximum pulse width = 100
μs.
8.2 Storage Conditions
MIN
MAX
UNIT
Tstg
Storage temperature
−65
150
°C
8.3 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.4 Recommended Operating Conditions
(1) (2)
MIN
NOM
MAX
UNIT
VVDD(clp
VVDD
Voltage on VDD terminal during operation
VDDOFF
V
)
IVS
Current out of the terminal
1
mA
UCC28910
600
mA
ID(peak_max)
Maximum drain peak current
UCC28911
700
mA
TJ
Operating junction temperature
-40
125
°C
(1)
Unless otherwise noted, all voltages are with respect to GND.
(2)
In case of thermal shut down, if TA > 100°C, the device does not restart because of the TJ(hys) Electrical Characteristics.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: UCC28910 UCC28911


Similar Part No. - UCC28910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28910 TI-UCC28910 Datasheet
1Mb / 26P
[Old version datasheet]   Low Stand-By Power, CV / CC PWM HV Switcher with Primary-Side
UCC28910D TI-UCC28910D Datasheet
1Mb / 26P
[Old version datasheet]   Low Stand-By Power, CV / CC PWM HV Switcher with Primary-Side
More results

Similar Description - UCC28910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28630 TI1-UCC28630 Datasheet
3Mb / 68P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28632 TI1-UCC28632_18 Datasheet
3Mb / 85P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28632 TI-UCC28632_15 Datasheet
3Mb / 79P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com