Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28950 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC28950
Description  UCC28950 Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28950 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC28950_15 Datasheet HTML 2Page - Texas Instruments UCC28950_15 Datasheet HTML 3Page - Texas Instruments UCC28950_15 Datasheet HTML 4Page - Texas Instruments UCC28950_15 Datasheet HTML 5Page - Texas Instruments UCC28950_15 Datasheet HTML 6Page - Texas Instruments UCC28950_15 Datasheet HTML 7Page - Texas Instruments UCC28950_15 Datasheet HTML 8Page - Texas Instruments UCC28950_15 Datasheet HTML 9Page - Texas Instruments UCC28950_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
UCC28950
SLUSA16C – MARCH 2010 – REVISED NOVEMBER 2015
www.ti.com
6.4 Thermal Information
UCC28950
THERMAL METRIC(1)
PW (TSSOP)
UNIT
24 PINS
RθJA
Junction-to-ambient thermal resistance
93.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
24.2
°C/W
RθJB
Junction-to-board thermal resistance
47.9
°C/W
ψJT
Junction-to-top characterization parameter
0.7
°C/W
ψJB
Junction-to-board characterization parameter
47.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
VDD = 12 V, TA = TJ = –40°C to +125°C, CVDD = 1 µF, CREF = 1 µF, RAB = 22.6 kΩ, RCD = 22.6 kΩ , REF = 13.3 kΩ, RSUM = 124
k
Ω, RTMIN = 88.7 kΩ, RT = 59 kΩ connected between RT pin and 5-V voltage supply to set FSW = 100 kHz (FOSC = 200 kHz)
(unless otherwise noted). All component designations are from Figure 48.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
UNDERVOLTAGE LOCKOUT (UVLO)
UVLO_RTH
Start threshold
6.75
7.3
7.9
V
Minimum operating voltage
UVLO_FTH
6.15
6.7
7.2
V
after start
UVLO_HYST
Hysteresis
0.53
0.6
0.75
V
SUPPLY CURRENTS
IDD(off)
Startup current
VDD is 5.2 V
150
270
µA
IDD
Operating supply current
5
10
mA
VREF OUTPUT VOLTAGE
VREF
VREF total output range
0
≤ IR ≤ 20 mA; VDD = from 8 V to 17 V
4.925
5
5.075
V
ISCC
Short circuit current
VREF = 0 V
–53
–23
mA
SWITCHING FREQUENCY (½ OF INTERNAL OSCILLATOR FREQUENCY FOSC)
FSW(nom)
Total range
92
100
108
kHz
DMAX
Maximum duty cycle
95%
97%
SYNCHRONIZATION
RT = 59 kΩ between RT and GND; Input pulses
PHSYNC
Total range
85
90
95
°PH
200 kHz, D = 0.5 at SYNC
RT = 59 kΩ between RT and 5 V; –40 °C ≤ TJ
FSYNC
Total range
180
200
220
kHz
+125°C
TPW
Pulse width
2.2
2.5
2.8
µs
(1)
Typical values for TA = 25°C
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: UCC28950


Similar Part No. - UCC28950_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI1-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
More results

Similar Description - UCC28950_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI-UCC28950_1 Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_11 Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI1-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 71P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com