Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC29900 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC29900
Description  Integral Cycle Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29900 Datasheet(HTML) 3 Page - Texas Instruments

  UCC29900_15 Datasheet HTML 1Page - Texas Instruments UCC29900_15 Datasheet HTML 2Page - Texas Instruments UCC29900_15 Datasheet HTML 3Page - Texas Instruments UCC29900_15 Datasheet HTML 4Page - Texas Instruments UCC29900_15 Datasheet HTML 5Page - Texas Instruments UCC29900_15 Datasheet HTML 6Page - Texas Instruments UCC29900_15 Datasheet HTML 7Page - Texas Instruments UCC29900_15 Datasheet HTML 8Page - Texas Instruments UCC29900_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
UCC29900
www.ti.com
SLUS923B – APRIL 2009 – REVISED JUNE 2010
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted) VDD = 3.23 - 3.37 V, VSS = 0 V
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Biasing
IVDD
VDD current
5
mA
Voltage Monitoring
VIN UVLO threshold
Measured at VIN (rising)
2.32
2.38
2.44
V
VIN UVLO hysteresis
Measured at VIN (falling)
0.6
Startup delay
VIN = 3.3 V, Measured as start of HG switching
64
ms
after removal of UVLO fault
VOVP
Input over voltage threshold
Measured at VIN rising
2.76
2.83
2.9
V
OVP delay
Measured between VIN and FAULT rising edges
20
ms
Feedback
FB rising threshold
1.45
2.53
FB falling threshold
0.8
1.85
V
Hysteresis
0.3
1
FB rising response time
2
ms
Soft Start
tSS(max)
Max soft start period
Total duration of SS Operation, FB = 3.3 V
20
ms
tSS(int)
Initial SS interval
Initial time delay between HG bursts in SS mode,
160
ms
FB = 0 V
Oscillator
Switching frequency
Measured at LG & HG, FB = 3.3 V
-6%
126.5
6%
kHz
LG period
First LG pulse after FB rising
2
Subsequent LG pulses, FB = 3.3 V
4
Last LG pulse after FB falling
2
HG period
FB = 3.3V
4
ms
LG period – light load
First LG during light load
4
Last LG during light load
4
HG period – light load
HG pulse during light load
8
Frequency Dithering
Dithering magnitude
Max frequency – min frequency
12
kHz
Dithering rate
Time to sweep from max to min and back to max
6
ms
frequencies
Min dithering frequency
Measured at LG, FB = 3.3 V
121
kHz
Max dithering frequency
Measured at LG, FB = 3.3 V
133
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UCC29900


Similar Part No. - UCC29900_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29900 TI1-UCC29900 Datasheet
861Kb / 24P
[Old version datasheet]   Integral Cycle Controller
More results

Similar Description - UCC29900_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29900 TI1-UCC29900 Datasheet
861Kb / 24P
[Old version datasheet]   Integral Cycle Controller
logo
Vishay Siliconix
SI9118 VISHAY-SI9118 Datasheet
91Kb / 8P
   Programmable Duty Cycle Controller
Rev. B, 05 Apr-99
SI9118 VISHAY-SI9118_11 Datasheet
174Kb / 11P
   Programmable Duty Cycle Controller
Rev. E, 16-May-11
SI9118 VISHAY-SI9118_V01 Datasheet
187Kb / 11P
   Programmable Duty Cycle Controller
01-Jan-2022
logo
Texas Instruments
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
[Old version datasheet]   Programmable Maximum Duty Cycle PWM Controller
logo
Unisonic Technologies
UC2000DG-AG6-R UTC-UC2000DG-AG6-R Datasheet
202Kb / 5P
   Cycle-by-Cycle current limiting
logo
Texas Instruments
UCC28220-Q1 TI1-UCC28220-Q1 Datasheet
780Kb / 26P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC28220 TI-UCC28220_07 Datasheet
616Kb / 30P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220-Q1 TI-UCC28220-Q1_15 Datasheet
940Kb / 27P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com