Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC29900 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC29900
Description  Integral Cycle Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29900 Datasheet(HTML) 5 Page - Texas Instruments

  UCC29900 Datasheet HTML 1Page - Texas Instruments UCC29900 Datasheet HTML 2Page - Texas Instruments UCC29900 Datasheet HTML 3Page - Texas Instruments UCC29900 Datasheet HTML 4Page - Texas Instruments UCC29900 Datasheet HTML 5Page - Texas Instruments UCC29900 Datasheet HTML 6Page - Texas Instruments UCC29900 Datasheet HTML 7Page - Texas Instruments UCC29900 Datasheet HTML 8Page - Texas Instruments UCC29900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
6
14
VSS
8
VIN
+
VIN UVLO
2.38V
Oscillator w/
Freq . Dither
Light Load
Timer
2
FB
Soft Start
Control
EN
CLK
Pulse
SS
LL
EN
7
HG
4
LG
5
CLAMP
3
CS
1.78V
Gate Control
Logic
13
FAULT
+
Over Current
75mV
+
Short Circuit
200mV
Over Voltage
+
2.83V
S
Q
Q
R
POR
2 LevelOCP
Counter
SCP Counter
1
VDD
64ms Startup Delay
12
START
SS Done
1.80V
1.65V
POR
LG
SCP
SS Done
+
9
OC MODE
Over Current
Mode Control
Logic
Retry
Lat/Hic
Retry
Retry
Lat/Hic
Over Current
Short Circuit
UCC29900
www.ti.com
SLUS923B – APRIL 2009 – REVISED JUNE 2010
DEVICE INFORMATION
Functional Bllock Diagram
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UCC29900


Similar Part No. - UCC29900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29900 TI1-UCC29900 Datasheet
861Kb / 24P
[Old version datasheet]   Integral Cycle Controller
More results

Similar Description - UCC29900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29900 TI1-UCC29900 Datasheet
861Kb / 24P
[Old version datasheet]   Integral Cycle Controller
logo
Vishay Siliconix
SI9118 VISHAY-SI9118 Datasheet
91Kb / 8P
   Programmable Duty Cycle Controller
Rev. B, 05 Apr-99
SI9118 VISHAY-SI9118_11 Datasheet
174Kb / 11P
   Programmable Duty Cycle Controller
Rev. E, 16-May-11
SI9118 VISHAY-SI9118_V01 Datasheet
187Kb / 11P
   Programmable Duty Cycle Controller
01-Jan-2022
logo
Texas Instruments
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
[Old version datasheet]   Programmable Maximum Duty Cycle PWM Controller
logo
Unisonic Technologies
UC2000DG-AG6-R UTC-UC2000DG-AG6-R Datasheet
202Kb / 5P
   Cycle-by-Cycle current limiting
logo
Texas Instruments
UCC28220-Q1 TI1-UCC28220-Q1 Datasheet
780Kb / 26P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC28220 TI-UCC28220_07 Datasheet
616Kb / 30P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220-Q1 TI-UCC28220-Q1_15 Datasheet
940Kb / 27P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com