Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA78L12ACLPME3 Datasheet(PDF) 6 Page - Texas Instruments

Part # UA78L12ACLPME3
Description  關A78L00 Series Positive-Voltage Regulators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78L12ACLPME3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UA78L12ACLPME3 Datasheet HTML 2Page - Texas Instruments UA78L12ACLPME3 Datasheet HTML 3Page - Texas Instruments UA78L12ACLPME3 Datasheet HTML 4Page - Texas Instruments UA78L12ACLPME3 Datasheet HTML 5Page - Texas Instruments UA78L12ACLPME3 Datasheet HTML 6Page - Texas Instruments UA78L12ACLPME3 Datasheet HTML 7Page - Texas Instruments UA78L12ACLPME3 Datasheet HTML 8Page - Texas Instruments UA78L12ACLPME3 Datasheet HTML 9Page - Texas Instruments UA78L12ACLPME3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
μA78L00
SLVS010U – JANUARY 1976 – REVISED MAY 2011
www.ti.com
uA78L09 Electrical Characteristics
at specified virtual junction temperature, VI = 16 V, IO = 40 mA (unless otherwise noted)
μA78L09C
μA78L09AC
PARAMETER
TEST CONDITIONS
TJ
(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
25°C
8.3
9
9.7
8.6
9
9.4
VI = 12 V to 24 V,
IO = 1 mA to 40 mA
Output voltage
0°C to 125°C
8.1
9.9
8.55
9.45
V
IO = 1 mA to 70 mA
0°C to 125°C
8.1
9.9
8.55
9.45
VI = 12 V to 24 V
45
225
45
175
Input voltage
25°C
mV
regulation
VI = 13 V to 24 V
40
175
40
125
VI = 15 V to 25 V,
Ripple rejection
25°C
36
45
38
45
dB
f = 120 Hz
IO = 1 mA to 100 mA
19
90
19
90
Output voltage
25°C
mV
regulation
IO = 1 mA to 40 mA
11
40
11
40
Output noise
f = 10 Hz to 100 kHz
25°C
58
58
μV
voltage
Dropout voltage
25°C
1.7
1.7
V
25°C
4.1
6
4.1
6
Bias current
mA
125°C
5.5
5.5
VI = 13 V to 24 V
1.5
1.5
Bias current
0°C to 125°C
mA
change
IO = 1 mA to 40 mA
0.2
0.1
(1)
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All
characteristics are measured with a 0.33-
μF capacitor across the input and a 0.1-μF capacitor across the output.
uA78L10 Electrical Characteristics
at specified virtual junction temperature, VI = 14 V, IO = 40 mA (unless otherwise noted)
μA78L10AC
PARAMETER
TEST CONDITIONS
TJ
(1)
UNIT
MIN
TYP
MAX
25°C
9.6
10
10.4
VI = 13 V to 25 V, IO = 1 mA to 40 mA
Output voltage
0°C to 125°C
9.5
10.5
V
IO = 1 mA to 70 mA
0°C to 125°C
9.5
10.5
VI = 13 V to 25 V
51
175
Input voltage regulation
25°C
mV
VI = 14 V to 25 V
42
125
Ripple rejection
VI = 15 V to 25 V, f = 120 Hz
25°C
37
44
dB
IO = 1 mA to 100 mA
20
90
Output voltage regulation
25°C
mV
IO = 1 mA to 40 mA
11
40
Output noise voltage
f = 10 Hz to 100 kHz
25°C
62
μV
Dropout voltage
25°C
1.7
V
25°C
4.2
6
Bias current
mA
125°C
5.5
VI = 14 V to 25 V
1.5
Bias current change
0°C to 125°C
mA
IO = 1 mA to 40 mA
0.1
(1)
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All
characteristics are measured with a 0.33-
μF capacitor across the input and a 0.1-μF capacitor across the output.
6
Submit Documentation Feedback
Copyright © 1976–2011, Texas Instruments Incorporated
Product Folder Links :μA78L00


Similar Part No. - UA78L12ACLPME3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78L12ACLPME3 TI-UA78L12ACLPME3 Datasheet
366Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L12ACLPME3 TI-UA78L12ACLPME3 Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L12ACLPME3 TI-UA78L12ACLPME3 Datasheet
632Kb / 25P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L12ACLPME3 TI-UA78L12ACLPME3 Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L12ACLPME3 TI-UA78L12ACLPME3 Datasheet
707Kb / 27P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Similar Description - UA78L12ACLPME3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78L06A TI-UA78L06A_15 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78L00 TI-UA78L00 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78L02A TI-UA78L02A_15 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78L05 TI-UA78L05 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78M05 TI-UA78M05_15 Datasheet
1Mb / 29P
[Old version datasheet]   關A78Mxx Positive-Voltage Regulators
UA7808_15 TI-UA7808_15_15 Datasheet
1Mb / 29P
[Old version datasheet]   關A78xx Fixed Positive Voltage Regulators
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com