Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C32XX Datasheet(PDF) 1 Page - Crystek Corporation

Part # C32XX
Description  HCMOS/TTL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

C32XX Datasheet(HTML) 1 Page - Crystek Corporation

  C32XX_15 Datasheet HTML 1Page - Crystek Corporation C32XX_15 Datasheet HTML 2Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.544 MHz to 100.000 MHz
±20*, ±25, ±50, ±100 (ppm)
0°C to +70°C
-20°C to +70°C
-40°C to +85°C
-45°C to 90°C
5.0V ±0.5V
60mA Max
HCMOS/TTL
40/60% Max @ 50% Vdd
45/55% Max @ 50% Vdd
6ns Max @ 20% to 80% Vdd
"0" = 10% Vdd Max
"1" = 90% Vdd Min
200nSec Max
1mSec Typ., 2mSec Max
50pF/10TTL Max
0.5ps Typ, 1ps Max
None
<3ppm 1
st/yr, <1ppm every year thereafter
Frequency Range:
Frequency Stability Options:
Temperature Range: (standard)
(Option “M”)
(Option “E”*)
Storage:
Input Voltage:
Input Current:
Output:
Symmetry:
(Standard “2”)
(Option “9”)
Rise/Fall Time:
Logic:
Disable Time:
Start-up Time:
Load:
Jitter RMS: 12kHz~20MHz
Sub-harmonics:
Aging:
Date: 10-Jan-12
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
Model C32xx is a 1.544 MHz to
100.000 MHz HCMOS Clock
Oscillator operating at 5.0Volts. The
oscillator utilizes Fundamental or
High Q Third Overtone crystal
design providing very low Jitter and
Phase Noise. No Sub-Harmonics are
present in the Output Signal.
Specifications subject to change without notice.
Applications:
Digital Video
SONET/SDH/DWDM
Storage Area Networks
Broadband Access
Ethernet, Gigabit Ethernet
Rev: K
Shock:
Vibration:
Solderability:
Solvent Resistance:
Resistance to Soldering Heat:
Thermal Shock:
Moisture Resistance:
MIL-STD-883, Method 2002, Condition B
MIL-STD-883, Method 2007, Condition A
MIL-STD-883, Method 2003
MIL-STD-202, Method 215
MIL-STD-202, Method 210, Condition I or J
MIL-STD-883, Method 1011, Condition A
MIL-STD-883, Method 1004
Mechanical:
Environmental:
Page 1 of 2
5×7 mm SMD,
5V, HCMOS/TTL
C32xx Model
*available in select frequencies -40/85


Similar Part No. - C32XX_15

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
C32XX CRYSTEKCRYSTAL-C32XX Datasheet
563Kb / 3P
   5x7mm SMD HCMOS Clock Oscillator 5.0 Volts
More results

Similar Description - C32XX_15

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
550-12.0M3DN-TP1 OSCILENT-550-12.0M3DN-TP1 Datasheet
132Kb / 2P
   HCMOS / TTL
550 OSCILENT-550 Datasheet
132Kb / 2P
   HCMOS / TTL
551-12.0M-3DN-TP1 OSCILENT-551-12.0M-3DN-TP1 Datasheet
132Kb / 2P
   HCMOS / TTL
logo
List of Unclassifed Man...
IQVCXO-161 ETC2-IQVCXO-161 Datasheet
50Kb / 2P
   HCMOS/TTL
logo
Oscilent Corporation
566-12.0M-3DN-TP1 OSCILENT-566-12.0M-3DN-TP1 Datasheet
134Kb / 2P
   HCMOS / TTL
560-12.0M-3DN-TP120 OSCILENT-560-12.0M-3DN-TP120 Datasheet
134Kb / 2P
   HCMOS / TTL
551 OSCILENT-551 Datasheet
132Kb / 2P
   HCMOS / TTL
566 OSCILENT-566 Datasheet
134Kb / 2P
   HCMOS / TTL
554-12.0M-3DN-TP120 OSCILENT-554-12.0M-3DN-TP120 Datasheet
134Kb / 2P
   HCMOS / TTL
554 OSCILENT-554 Datasheet
134Kb / 2P
   HCMOS / TTL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com