Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCPD-940 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CCPD-940
Description  Clock Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CCPD-940 Datasheet(HTML) 1 Page - Crystek Corporation

  CCPD-940_15 Datasheet HTML 1Page - Crystek Corporation CCPD-940_15 Datasheet HTML 2Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
151.000 MHz to 212.500 MHz
±20, ±25, ±50, ±100
0°C to 70°C
-40°C to 85°C
-45°C to 90°C
3.3V ±0.3V
88mA Max
Differential LVPECL
49/51% Typical, 45/55% Max @ zero crossing point
550ps Max (20% to 80%)
into 50 ohms
Vcc-0.96V Min, Vcc-0.81V Max
Vcc-1.85V Min, Vcc-1.65V Max
100ns Max
2ms Typical, 10ms Max
none
<5ps RMS (1-sigma) Max
<1ps RMS (1-sigma) Max
<1ps RMS (1-sigma) Max
-80 dBc/Hz
-108 dBc/Hz
-132 dBc/Hz
-140 dBc/Hz
<3ppm 1
st year, <1ppm every year thereafter
Frequency Range:
Stability vs. Temperature (ppm):
Temperature Range:
(Option X)
Storage:
Input Voltage:
Input Current:
Output:
Symmetry:
Rise/Fall Time:
Load:
Terminated to Vdd-2V
Logic "1" Level:
Logic "0" Level:
Disable Time:
Start-up time:
Sub-Harmonics:
Period Jitter:
(20,000 periods)
Phase Jitter:
12kHz~20MHz
50kHz~80MHz
Phase Noise Max:
100Hz
1kHz
10kHz
100kHz
Aging:
TD-040901 Rev. K
C
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
9×14 mm SMD,
3.3V, LVPECL
CCPD-940 Model
Specifications subject to change without notice.
Differential LVPECL
Clock Oscillator
Applications:
10 Gigabit Ethernet
OC48: Forward Error Correction
Broadband Networks
SONET/SDH/DWD
ATM
Network/switch
Telecom
Designed using FR5 PCB & High Q crystal technology
to provide a Low Noise, Low Jitter Voltage Controlled
Crystal Oscillator solution at a competitive price.
Page 1 of 2
CR
YS
TE
K
CC
PD
-94
0
15
5.5
2 M
Hz
CR
YS
TE
K
CC
PD
-94
0
15
5.5
2 M
Hz


Similar Part No. - CCPD-940_15

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCPD-940-20-155.520 CRYSTEKCRYSTAL-CCPD-940-20-155.520 Datasheet
121Kb / 2P
   Differential LVPECL XO 9X14 mm SMD, 3.3V, LVPECL
CCPD-940-25-155.520 CRYSTEKCRYSTAL-CCPD-940-25-155.520 Datasheet
121Kb / 2P
   Differential LVPECL XO 9X14 mm SMD, 3.3V, LVPECL
CCPD-940-50-155.520 CRYSTEKCRYSTAL-CCPD-940-50-155.520 Datasheet
121Kb / 2P
   Differential LVPECL XO 9X14 mm SMD, 3.3V, LVPECL
CCPD-940X-20-155.520 CRYSTEKCRYSTAL-CCPD-940X-20-155.520 Datasheet
121Kb / 2P
   Differential LVPECL XO 9X14 mm SMD, 3.3V, LVPECL
CCPD-940X-25-155.520 CRYSTEKCRYSTAL-CCPD-940X-25-155.520 Datasheet
121Kb / 2P
   Differential LVPECL XO 9X14 mm SMD, 3.3V, LVPECL
More results

Similar Description - CCPD-940_15

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
   Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
   Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
   Clock Oscillator
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
logo
List of Unclassifed Man...
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
   CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
   Clock oscillator
01/02/2017
logo
List of Unclassifed Man...
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
   Clock Oscillator
logo
Crystek Corporation
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX Datasheet
111Kb / 1P
   Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
   CLOCK OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com