Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCSO-914Y12-1090 Datasheet(PDF) 2 Page - Crystek Corporation

Part # CCSO-914Y12-1090
Description  SAW Based Clock Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CCSO-914Y12-1090 Datasheet(HTML) 2 Page - Crystek Corporation

  CCSO-914Y12-1090 Datasheet HTML 1Page - Crystek Corporation CCSO-914Y12-1090 Datasheet HTML 2Page - Crystek Corporation CCSO-914Y12-1090 Datasheet HTML 3Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
Date: 13-Sep-12
Rev: G
Page 2 of 3
Frequency:
Temperature Range:
Storage:
Input Voltage:
Frequency vs Temperature:
Input Current:
Output:
Output Power:
Start-Up Time:
2
nd Harmonic:
Sub-Harmonics:
Modulation BW:
Phase Noise Typical:
1kHz
10kHz
100kHz
1MHz
10MHz
G-sensitivity:
1090 MHz
-55°C to +105°C
-55°C to 110°C
12.0V ± 0.25V
±250ppm Max
30mA Typical, 40mA Max
True SineWave
+12dBm ±2dB into 50 ohm Load
2mSec Typical, 10mSec Max
-20dBc Typical, -15dBc Max
None
>20kHz @ -3dB
-110 dBc/Hz
-138 dBc/Hz
-150 dBc/Hz
-160 dBc/Hz
-170 dBc/Hz
0.9×10
-9 per g
CCSO-914Y12-1090
True SineWave
SAW Based Clock Oscillator
9×14mm SMD
12 Volt
Pad
Connection
1
2
3
4
N/C
GND
Output
Vdd
0.210
(5.3)
0.560
(14.2)
SUGGESTED PAD LAYOUT
0.050
(1.27)
0.050
(1.27)
0.200
(5.08)
0.280
(7.11)
0.200
(5.08)
0.040
(1.01)
0.040
(1.02)
1
3
4
2
0.180
(4.57)
0.090
(2.29)
0.090
(2.29)
0.100
(2.54)
0.125
(3.18)
0.280
(7.11)
0.360
(9.14)
0.560
(14.2)
CRYSTEK
CCSO-914Y12
1090MHz
Date Code


Similar Part No. - CCSO-914Y12-1090

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCSO-914X CRYSTEKCRYSTAL-CCSO-914X Datasheet
524Kb / 3P
   True SineWave SAW Based Clock Osc 9x14MM SMD 3.3 & 5.0 Volt
logo
CRYSTEK CORPORATION
CCSO-914X CRYSTEKMICROWAVE-CCSO-914X Datasheet
410Kb / 4P
   Ultra-Low Phase Noise SAW Clock
logo
Crystek Corporation
CCSO-914X-1000 CRYSTEKCRYSTAL-CCSO-914X-1000 Datasheet
518Kb / 3P
   True SineWave SAW Based Clock Osc 9x14MM SMD 5 Volt
logo
CRYSTEK CORPORATION
CCSO-914X-1000 CRYSTEKMICROWAVE-CCSO-914X-1000 Datasheet
448Kb / 3P
   Ultra-Low Phase Noise 1GHz SAW Clock
logo
Crystek Corporation
CCSO-914X-1000 CRYSTEKCRYSTAL-CCSO-914X-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
More results

Similar Description - CCSO-914Y12-1090

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
SO502 VECTRON-SO502 Datasheet
149Kb / 8P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X-1000 CRYSTEKCRYSTAL-CCSO-914X-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
SO-720 VECTRON-SO-720 Datasheet
132Kb / 7P
   SAW Based Clock Oscillator
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X CRYSTEKCRYSTAL-CCSO-914X_15 Datasheet
338Kb / 4P
   SAW Based Clock Oscillator
CCSO-914X3-1000 CRYSTEKCRYSTAL-CCSO-914X3-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
CCSO-914X-245 CRYSTEKCRYSTAL-CCSO-914X-245 Datasheet
385Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
PS-702-ECT-KAA VECTRON-PS-702-ECT-KAA Datasheet
340Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCS575S CRYSTEKCRYSTAL-CCS575S Datasheet
139Kb / 2P
   SAW Clock Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com