Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CUSO32XX Datasheet(PDF) 1 Page - Crystek Corporation

Part # CUSO32XX
Description  3.2횞5.0 mm SMD, 5.0V, HCMOS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CUSO32XX Datasheet(HTML) 1 Page - Crystek Corporation

  CUSO32XX_15 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.544 MHz to 160.000 MHz
±25ppm to ±100ppm
0°C to 70°C
-20°C to 70°C
-40°C to 85°C
-45°C to 120°C
5V ±0.5V
<30 MHz 5-30mA (freq. dependent)
>31 MHz 15-40mA (freq. dependent)
10uA Max
HCMOS
40/60% Max @ 50% Vdd
3ns Typ., 6ns Max
"0" = 10% Vdd Max
"1" = 90% Vdd Min
15pF Max
0.5ps Typ, 1ps Max RMS
<3ppm 1
st/yr, 1ppm every year thereafter
Frequency Range:
Frequency Stability:
Temperature Range:
Operating:
(Option M)
(Option E)
Storage:
Input Voltage:
Input Current:
Standby Mode:
Output:
Symmetry:
Rise/Fall Time:
Logic:
Load:
Jitter: 12kHz to 20MHz
Aging:
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical
Temperature Zone
Ramp-Down
6°C/Sec.
NOTE: Reflow Profile with 240°C peak also acceptable.
TD-021101 Rev. H
SUGGESTED PAD LAYOUT
0.063 SQ
(1.60)
0.086
(2.2)
0.100
(2.54)
0.01uF Bypass Capacitor Recommended
0.043 ±0.004
(1.1 ±0.1)
0.205 Max
(5.2)
0.134 Max
(3.4)
P/N XXXX
Frequency
XX
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
0.039
(1.0)
0.100 ±0.007
(2.54 ±0.2)
#1
#3
#2
#4
0.047
(1.20 )
Denotes pad 1
XXXX=Date Code
XX=Lot Code
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
PWR
Supply
mA
M
VM
OSC.
pin 1
pin 4
pin 2
pin 3
Bypass
Cap.
O/P Load
incl Probe Cl
OUT
High Impedance
GND or "LOW"
Oscillation
OPEN or "HIGH"
GND
OUT
Vdd
E/D
TEST CIRCUIT
3.2×5.0 mm SMD,
5.0V, HCMOS
CUSO32xx Model
Designed
to
meet
application
requirements for smaller layout areas.
The CUSO
(Crystek Ultra Small
Oscillator) Series utilizes fundamental
and
3
rd
overtone
crystal
design
thereby
providing
the
proven
performance of our larger 5×7mm
package. Standby mode and Power-
save Pull-up Resistance is standard.
Packaged
on
tape
and
reel
in
quantities of 1K.
Specifications subject to change without notice.
Crystek Part Number Guide
Example: CUSO3292-44.736
Example: CUSOM3292-44.736
Example: CUSOE3292-44.736
Frequency Stability
±100ppm
±50ppm
±25ppm
Temperature
CUSOM3290
CUSOM3292
CUSOM3291
CUSOE3290
CUSOE3292
CUSOE3291
-20/70°C
-40/85°C
CUSO3290
CUSO3292
CUSO3291
0/70°C
Function pin 1
Output pin
Open
"1" level 0.7×Vdd Min
"0" level 0.3×Vdd Max
Active
Active
High Z
Standby Function
Oscillator State
Normal Operation
Normal Operation
Stopped


Similar Part No. - CUSO32XX_15

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CUSO32XX CRYSTEKCRYSTAL-CUSO32XX Datasheet
111Kb / 1P
   Clock Oscillator
More results

Similar Description - CUSO32XX_15

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX_15 Datasheet
64Kb / 1P
   3.2횞5.0 mm SMD, 3.3V, HCMOS
CSO-016T CRYSTEKCRYSTAL-CSO-016T_15 Datasheet
65Kb / 1P
   5횞7 mm SMD, 5.0V, HCMOS/TTL
logo
List of Unclassifed Man...
F3345 ETC2-F3345 Datasheet
107Kb / 1P
   5.0V HCMOS SMD OSCILLATOR
logo
Fox Electronics
F3345 FOX-F3345 Datasheet
204Kb / 2P
   5.0V, HCMOS, SMD Oscillator
F3345-200 FOX-F3345-200 Datasheet
404Kb / 2P
   5.0V, HCMOS, SMD Oscillator
F3345-250 FOX-F3345-250 Datasheet
408Kb / 3P
   5.0V, HCMOS, SMD Oscillator
092-80-15 FOX-092-80-15 Datasheet
404Kb / 2P
   5.0V, HCMOS, SMD Oscillator
F550H FOX-F550H Datasheet
165Kb / 2P
   HCMOS 5x3.2mm 5.0V SMD Oscillator
F550L FOX-F550L Datasheet
165Kb / 2P
   HCMOS 5x3.2mm 5.0V SMD Oscillator
logo
Crystek Corporation
CSX3 CRYSTEKCRYSTAL-CSX3_15 Datasheet
53Kb / 1P
   3.2횞5.0 mm Ultra Miniature SMD Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com