Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1132L Datasheet(PDF) 2 Page - New Japan Radio

Part # NJW1132L
Description  SOUND PROCESSOR with SOUND ENHANCEMENT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1132L Datasheet(HTML) 2 Page - New Japan Radio

  NJW1132L Datasheet HTML 1Page - New Japan Radio NJW1132L Datasheet HTML 2Page - New Japan Radio NJW1132L Datasheet HTML 3Page - New Japan Radio NJW1132L Datasheet HTML 4Page - New Japan Radio NJW1132L Datasheet HTML 5Page - New Japan Radio NJW1132L Datasheet HTML 6Page - New Japan Radio NJW1132L Datasheet HTML 7Page - New Japan Radio NJW1132L Datasheet HTML 8Page - New Japan Radio NJW1132L Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NJW1132
- 2 -
n
n
n
n PIN FUNCTION
DAC Output
for Ach Volume & Balance
DAC Output
for Bch Volume & Balance
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1
30
29
28
27
26
INa
BBE1a
BBE2a
TONE-Ha
TONE-La
BBEout_a
Tone_INa
OUTa
AGC1
AGC2
CVB
CVA
SDA
SCL
GND
INb
BBE1b
BBE2b
TONE-Hb
TONE-Lb
Tone_INb
OUTb
PS
VREF
CTH
25
24
23
22
21
CTL
AUX0
AUX1
Vcc
Ach Input
Ach BBE Filter1
Ach BBE Filter2
Ach High Frequency
Ach Low Frequency
Ach BBE Output
Ach Tone Input
Ach Output (0dB)
AGC1
AGC2
I
2C BUS SDA
I
2C BUS SCL
GND
Bch Input
Bch BBE Filter1
Bch BBE Filter2
Bch High Frequency
Bch Low Frequency
Bch BBE Output
Bch Tone Input
Bch Output(0dB)
Phase Shift
Reference Voltage
AUX Output0
AUX Output1
Power Supply
DAC Output
for Tone High Frequency
DAC Output
for Tone Low Frequency
20
19
18
17
16
BBEout_b
SDIP30, SDMP30


Similar Part No. - NJW1132L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1133A NJRC-NJW1133A Datasheet
347Kb / 20P
   AUDIO PROCESSOR
NJW1133AM NJRC-NJW1133AM Datasheet
347Kb / 20P
   AUDIO PROCESSOR
NJW1136 NJRC-NJW1136 Datasheet
412Kb / 24P
   AUDIO PROCESSOR with Subwoofer Output
NJW1136D NJRC-NJW1136D Datasheet
412Kb / 24P
   AUDIO PROCESSOR with Subwoofer Output
More results

Similar Description - NJW1132L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1137 NJRC-NJW1137 Datasheet
385Kb / 24P
   AUDIO PROCESSOR with SOUND ENHANCEMENT
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
New Japan Radio
NJM2150 NJRC-NJM2150 Datasheet
209Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR
NJM2153 NJRC-NJM2153 Datasheet
189Kb / 6P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2150A NJRC-NJM2150A Datasheet
230Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2152 NJRC-NJM2152 Datasheet
216Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR
NJU7087 NJRC-NJU7087 Datasheet
51Kb / 4P
   Sound Enhancement Processor For Telephone
logo
Rohm
BD3491FS ROHM-BD3491FS_14 Datasheet
1Mb / 34P
   Sound Processor with Built-in Surround Sound Function
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com