Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1132L Datasheet(PDF) 9 Page - New Japan Radio

Part # NJW1132L
Description  SOUND PROCESSOR with SOUND ENHANCEMENT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1132L Datasheet(HTML) 9 Page - New Japan Radio

  NJW1132L Datasheet HTML 1Page - New Japan Radio NJW1132L Datasheet HTML 2Page - New Japan Radio NJW1132L Datasheet HTML 3Page - New Japan Radio NJW1132L Datasheet HTML 4Page - New Japan Radio NJW1132L Datasheet HTML 5Page - New Japan Radio NJW1132L Datasheet HTML 6Page - New Japan Radio NJW1132L Datasheet HTML 7Page - New Japan Radio NJW1132L Datasheet HTML 8Page - New Japan Radio NJW1132L Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NJW1132
- 9 -
l
l
l
l CONTROL COMMAND TABLE
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
REMARKS
BBE-Low
BBE-High
00000000
00010001
00100010
::
::
::
11011101
11101110
04H
11111111
BBE-Low : Boost level control for BBE Lo-Contour (1dB/step)
Ex.)
“0000”=0dB
“0001”=1dB
:
“1110”=14dB
“1111”=15dB
BBE-High : Boost level control for BBE Process (1dB/step)
Ex.)
“0000”=0dB
“0001”=1dB
:
“1110”=14dB
“1111”=15dB
When all bits are “0”(=00H), BBE becomes off.
OUT
SEL
Reserved
AUX1
AUX2
05H
0/1
don’t care
don’t care
0/1
0/1
OUT : ON / OFF switch for OUTPUT
“0”=OFF
“1”=ON
AUX1/AUX2 : Auxiliary port ON/OFF
“0”=OFF
“1”=ON
n
n
n
nNOTE
The NJW1132 is manufactured by New Japan Radio Co., Ltd. under license from BBE Sound Inc.
BBE is a registered trademark of BBE Sound Inc.
A license from BBE Sound Inc. is required before the NJW1132 can be purchased from New Japan Radio
Co.,Ltd.
Purchase of I
2C components of New Japan Radio Co., Ltd or one of its sublicensed Associated
Companiesconveys a license under the Philips I
2C Patent Rights to use these components in an I2C system,
provided thatthe system conforms to the I
2C Standard Specification as defined by Philips.
BBE Sound, Inc.
5381 Production Drive
Huntington Beach, CA 92649
Tel:(714)897-6766
Fax:(714)896-0736
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.


Similar Part No. - NJW1132L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1133A NJRC-NJW1133A Datasheet
347Kb / 20P
   AUDIO PROCESSOR
NJW1133AM NJRC-NJW1133AM Datasheet
347Kb / 20P
   AUDIO PROCESSOR
NJW1136 NJRC-NJW1136 Datasheet
412Kb / 24P
   AUDIO PROCESSOR with Subwoofer Output
NJW1136D NJRC-NJW1136D Datasheet
412Kb / 24P
   AUDIO PROCESSOR with Subwoofer Output
More results

Similar Description - NJW1132L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1137 NJRC-NJW1137 Datasheet
385Kb / 24P
   AUDIO PROCESSOR with SOUND ENHANCEMENT
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
New Japan Radio
NJM2150 NJRC-NJM2150 Datasheet
209Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR
NJM2153 NJRC-NJM2153 Datasheet
189Kb / 6P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2150A NJRC-NJM2150A Datasheet
230Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2152 NJRC-NJM2152 Datasheet
216Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR
NJU7087 NJRC-NJU7087 Datasheet
51Kb / 4P
   Sound Enhancement Processor For Telephone
logo
Rohm
BD3491FS ROHM-BD3491FS_14 Datasheet
1Mb / 34P
   Sound Processor with Built-in Surround Sound Function
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com