Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C76BVI-G Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT93C76BVI-G
Description  8-Kb Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C76BVI-G Datasheet(HTML) 1 Page - ON Semiconductor

  CAT93C76BVI-G Datasheet HTML 1Page - ON Semiconductor CAT93C76BVI-G Datasheet HTML 2Page - ON Semiconductor CAT93C76BVI-G Datasheet HTML 3Page - ON Semiconductor CAT93C76BVI-G Datasheet HTML 4Page - ON Semiconductor CAT93C76BVI-G Datasheet HTML 5Page - ON Semiconductor CAT93C76BVI-G Datasheet HTML 6Page - ON Semiconductor CAT93C76BVI-G Datasheet HTML 7Page - ON Semiconductor CAT93C76BVI-G Datasheet HTML 8Page - ON Semiconductor CAT93C76BVI-G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2013
October, 2013 − Rev. 0
1
Publication Order Number:
CAT93C76B/D
CAT93C76B
8-Kb Microwire Serial
EEPROM
Description
The CAT93C76B is an 8−Kb Serial EEPROM memory device
which is configured as either registers of 16 bits (ORG pin at VCC or
Not Connected) or 8 bits (ORG pin at GND). Each register can be
written (or read) serially by using the DI (or DO) pin. The
CAT93C76B is manufactured using ON Semiconductor’s advanced
CMOS EEPROM floating gate technology. The device is designed to
endure 1,000,000 program/erase cycles and has a data retention of 100
years. The device is available in 8−pin PDIP, SOIC, TSSOP, MSOP
and 8−pad UDFN packages.
Features
High Speed Operation: 4 MHz (5 V), 2 MHz (1.8 V)
1.8 V (1.65 V*) to 5.5 V Supply Voltage Range
Selectable x8 or x16 Memory Organization
Self−timed Write Cycle with Auto−clear
Software Write Protection
Power−up Inadvertant Write Protection
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial and Extended Temperature Ranges
Sequential Read
8−pin PDIP, SOIC, TSSOP, MSOP and 8−Pad UDFN Packages
This Device is Pb−Free, Halogen Free/BFR Free and RoHS
Compliant
CS
SK
ORG
DO
DI
GND
VCC
Figure 1. Functional Symbol
CAT93C76B
*CAT93C76Bxx−xxL (TA = −205C to +855C)
†For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
PIN CONFIGURATION
GND
NC
VCC
DO
DI
SK
CS
1
SOIC−8
V SUFFIX
CASE 751BD
ORG
PDIP (L), SOIC (V),
TSSOP (Y), UDFN (HU4), MSOP (Z)
(Top View)
PDIP−8
L SUFFIX
CASE 646AA
TSSOP−8
Y SUFFIX
CASE 948AL
Chip Select
CS
Serial Clock Input
SK
Serial Data Input
DI
Serial Data Output
DO
Power Supply
VCC
Ground
GND
Function
Pin Name
PIN FUNCTION
Memory Organization
ORG
No Connection
NC
UDFN−8
HU4 SUFFIX
CASE 517AZ
NOTE: When the ORG pin is connected to VCC, the
x16 organization is selected. When it is connected to
ground, the x8 organization is selected. If the ORG pin
is left unconnected, then an internal pull−up device will
select the x16 organization.
MSOP−8
Z SUFFIX
CASE 846AD


Similar Part No. - CAT93C76BVI-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C76BVI-G ONSEMI-CAT93C76BVI-G Datasheet
206Kb / 14P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.1
CAT93C76BVI-GT3 ONSEMI-CAT93C76BVI-GT3 Datasheet
206Kb / 14P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.1
CAT93C76BVI-GT3L ONSEMI-CAT93C76BVI-GT3L Datasheet
206Kb / 14P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.1
More results

Similar Description - CAT93C76BVI-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C76 ONSEMI-CAT93C76_18 Datasheet
325Kb / 15P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.5
CAT93C76B ONSEMI-CAT93C76B_18 Datasheet
206Kb / 14P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.1
NV93C76WF ONSEMI-NV93C76WF Datasheet
186Kb / 11P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev. 1
CAT93C76 ONSEMI-CAT93C76 Datasheet
166Kb / 12P
   8-Kb Microwire Serial EEPROM
August, 2009 ??Rev. 3
CAT93C76 ONSEMI-CAT93C76_13 Datasheet
161Kb / 11P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 4
CAT93C86B ONSEMI-CAT93C86B Datasheet
185Kb / 14P
   16-Kb Microwire Serial EEPROM
September, 2013 ??Rev. 3
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com