Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM1232LPU Datasheet(PDF) 9 Page - ON Semiconductor

Part # ASM1232LPU
Description  5 V P Power Supply Monitor and Reset Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1232LPU Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ASM1232LPU Datasheet HTML 4Page - ON Semiconductor ASM1232LPU Datasheet HTML 5Page - ON Semiconductor ASM1232LPU Datasheet HTML 6Page - ON Semiconductor ASM1232LPU Datasheet HTML 7Page - ON Semiconductor ASM1232LPU Datasheet HTML 8Page - ON Semiconductor ASM1232LPU Datasheet HTML 9Page - ON Semiconductor ASM1232LPU Datasheet HTML 10Page - ON Semiconductor ASM1232LPU Datasheet HTML 11Page - ON Semiconductor ASM1232LPU Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ASM1232LP, ASM1232LPS
http://onsemi.com
9
PACKAGE DIMENSIONS
PDIP−8, 300 mils
CASE 646AA−01
ISSUE A
E1
D
A
L
eb
b2
A1
A2
E
eB
c
TOP VIEW
SIDE VIEW
END VIEW
PIN # 1
IDENTIFICATION
Notes:
(1) All dimensions are in millimeters.
(2) Complies with JEDEC MS-001.
SYMBOL
MIN
NOM
MAX
A
A1
A2
b
b2
c
D
e
E1
L
0.38
2.92
0.36
6.10
1.14
0.20
9.02
2.54 BSC
3.30
5.33
4.95
0.56
7.11
1.78
0.36
10.16
eB
7.87
10.92
E
7.62
8.25
2.92
3.80
3.30
0.46
6.35
1.52
0.25
9.27
7.87


Similar Part No. - ASM1232LPU

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1232LPU ALSC-ASM1232LPU Datasheet
276Kb / 10P
   5V uP Power Supply Monitor and Reset Circuit
logo
PulseCore Semiconductor
ASM1232LPU PULSECORE-ASM1232LPU Datasheet
285Kb / 10P
   5V 關P Power Supply Monitor and Reset Circuit
logo
Alliance Semiconductor ...
ASM1232LPUF ALSC-ASM1232LPUF Datasheet
276Kb / 10P
   5V uP Power Supply Monitor and Reset Circuit
logo
PulseCore Semiconductor
ASM1232LPUF PULSECORE-ASM1232LPUF Datasheet
285Kb / 10P
   5V 關P Power Supply Monitor and Reset Circuit
logo
Alliance Semiconductor ...
ASM1232LPUN ALSC-ASM1232LPUN Datasheet
276Kb / 10P
   5V uP Power Supply Monitor and Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com