Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8121YDPSR7 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8121YDPSR7
Description  5V, 1A Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8121YDPSR7 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8121YDPSR7 Datasheet HTML 1Page - ON Semiconductor CS8121YDPSR7 Datasheet HTML 2Page - ON Semiconductor CS8121YDPSR7 Datasheet HTML 3Page - ON Semiconductor CS8121YDPSR7 Datasheet HTML 4Page - ON Semiconductor CS8121YDPSR7 Datasheet HTML 5Page - ON Semiconductor CS8121YDPSR7 Datasheet HTML 6Page - ON Semiconductor CS8121YDPSR7 Datasheet HTML 7Page - ON Semiconductor CS8121YDPSR7 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Package Lead Description
Typical Performance Characteristics
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
Junction Temperature (˚C)
-40
-20
0
20
40
60
80
100
120 140 150
5.02
5.01
5
4.99
4.98
4.97
4.96
4.95
IOUT = 100mA
5.00V @ 25˚C
Output Voltage vs. Temperature
-35
-40
-45
-50
0
200
400
600
800
1A
-30
-25
-20
-15
-10
-5
0
–40
° C
25 ° C
125
° C
I
OUT (A)
V
IN =14V
Load Regulation vs. Output Current Over Temperature
VIN = 7 to 26V
-40˚C
125˚C
25˚C
50
40
30
20
10
0
-10
IOUT(A)
0
0.2
0.4
0.6
0.8
1A
Line Regulation vs. Output Current Over Temperature
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
0
0.2
0.6
0.9
1.0
0.1
0.3
0.5
0.4
0.7
0.8
IOUT (A)
-40
°C
25
°C
125
°C
Dropout Voltage vs. Output Current Over Temperature
7 Lead
5 Lead TO-220
D2PAK
1
NC
No Connection.
21
VIN
Supply voltage to IC, usually direct from the battery.
3
2
CMOS compatible logical. VOUT is disabled i.e. placed in a
high impedance state when ENABLE is high.
4
3
Gnd
Ground connection.
5
4
CMOS compatible output lead.
goes low whenever
VOUT falls out of regulation. The
delay is externally
programmed.
65
VOUT
Regulated output voltage, 5V (typ).
7VOUT(SENSE)
Remote sensing of output voltage.
RESET
RESET
RESET
ENABLE


Similar Part No. - CS8121YDPSR7

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8121YDPSR7 CHERRY-CS8121YDPSR7 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
More results

Similar Description - CS8121YDPSR7

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
logo
NTE Electronics
NTE961 NTE-NTE961 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, 5V, 1A
logo
ACE Technology Co., LTD...
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
   1A Bipolar Linear Regulator
2014/12/23
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
logo
ACE Technology Co., LTD...
ACE1117H ACE-ACE1117H Datasheet
897Kb / 11P
   1A Bipolar Linear Regulator
VER 1.2
ACE1117C ACE-ACE1117C Datasheet
554Kb / 11P
   1A Bipolar Linear Regulator
VER 1.3
logo
SHANGHAI BELLING CO., L...
BL1117 BELLING-BL1117_16 Datasheet
1Mb / 15P
   1A Bipolar Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7110 HMSEMI-HM7110 Datasheet
515Kb / 8P
   1A Bipolar Linear Regulator
logo
SHIKUES Electronics
SK1117 SKTECHNOLGY-SK1117 Datasheet
1,005Kb / 7P
   1A Bipolar Linear Regulator
logo
List of Unclassifed Man...
AME7805 ETC1-AME7805 Datasheet
150Kb / 14P
   1A Positive Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com