Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8135YTVA5 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS8135YTVA5
Description  Low Dropout Dual Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8135YTVA5 Datasheet(HTML) 7 Page - ON Semiconductor

  CS8135YTVA5 Datasheet HTML 1Page - ON Semiconductor CS8135YTVA5 Datasheet HTML 2Page - ON Semiconductor CS8135YTVA5 Datasheet HTML 3Page - ON Semiconductor CS8135YTVA5 Datasheet HTML 4Page - ON Semiconductor CS8135YTVA5 Datasheet HTML 5Page - ON Semiconductor CS8135YTVA5 Datasheet HTML 6Page - ON Semiconductor CS8135YTVA5 Datasheet HTML 7Page - ON Semiconductor CS8135YTVA5 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Application Notes: continued
ommended value and work towards a less expensive
alternative part for each output.
Step 1:
Place the completed circuit with the tantalum
capacitors of the recommended values in an environmen-
tal chamber at the lowest specified operating temperature
and monitor the outputs with an oscilloscope. A decade
box connected in series with capacitor C2 will simulate the
higher ESR of an aluminum capacitor. Leave the decade
box outside the chamber, the small resistance added by
the longer leads is negligible.
Step 2:
With the input voltage at its maximum value,
increase the load current slowly from zero to full load on
the output under observation and look for oscillations on
the output. If no oscillations are observed, the capacitor is
large enough to ensure a stable design under steady state
conditions.
Step 3:
Increase the ESR of the capacitor from zero using
the decade box and vary the load current until oscillations
appear. Record the values of load current and ESR that
cause the greatest oscillation. This represents the worst
case load conditions for the output at low temperature.
Step 4
: Maintain the worst case load conditions set in step
3 and vary the input voltage until the oscillations increase.
This point represents the worst case input voltage condi-
tions.
Step 5:
If the capacitor is adequate, repeat steps 3 and 4
with the next smaller valued capacitor. A smaller capaci-
tor will usually cost less and occupy less board space. If
the output oscillates within the range of expected operat-
ing conditions, repeat steps 3 and 4 with the next larger
standard capacitor value.
Step 6:
Test the load transient response by switching in
various loads at several frequencies to simulate its real
working environment. Vary the ESR to reduce ringing.
Step 7:
Remove the unit from the environmental chamber
and heat the IC with a heat gun. Vary the load current as
instructed in step 5 to test for any oscillations.
Once the minimum capacitor value with the maximum
ESR is found, a safety factor should be added to allow for
the tolerance of the capacitor and any variations in regula-
tor performance. Most good quality aluminum electrolytic
capacitors have a tolerance of ±20% so the minimum value
found should be increased by at least 50% to allow for this
tolerance plus the variation which will occur at low temper-
atures. The ESR of the capacitor should be less than 50% of
the maximum allowable ESR found in step 3 above.
Repeat steps 1 through 7 with the capacitor on the other
output, C3.
The maximum power dissipation for a dual output regu-
lator (Figure 1) is:
PD(max) = {VIN(max)-VOUT1(min)}IOUT1(max)+
{VIN(max)-VOUT2(min)}IOUT2(max)+VIN(max)IQ
(1)
Where
VIN(max) is the maximum input voltage,
VOUT1(min) is the minimum output voltage from VOUT1,
VOUT2(min) is the minimum output voltage from VOUT2,
IOUT1(max) is the maximum output current for the
application,
IOUT2(max) is the maximum output current, for the
application, and
IQ is the quiescent current the regulator consumes at
IOUT(max).
Once the value of PD(max) is known, the maximum permis-
sible value of RΘJA can be calculated:
RΘJA =
(2)
The value of RΘJA can then be compared with those in
the package section of the data sheet. Those packages
with RΘJA's less than the calculated value in equation 2
will keep the die temperature below 150°C.
In some cases, none of the packages will be sufficient to
dissipate the heat generated by the IC, and an external
heatsink will be required.
Figure 1: Dual output regulator with key performance parameters
labeled.
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air.
Each material in the heat flow path between the IC and
the outside environment will have a thermal resistance.
Like series electrical resistances, these resistances are
summed to determine the value of RΘJA.
RΘJA = RΘJC + RΘCS + RΘSA
(3)
where
RΘJC = the junction-to-case thermal resistance,
RΘCS = the case-to-heatsink thermal resistance, and
RΘSA = the heatsink-to-ambient thermal resistance.
RΘJC appears in the package section of the data sheet. Like
RΘJA, it too is a function of package type. RΘCS and RΘSA
are functions of the package type, heatsink and the inter-
face between them. These values appear in heat sink data
sheets of heat sink manufacturers.
Heat Sinks
VIN
Smart
Regulator
VOUT1
IOUT1
IIN
IQ
Control
Features
}
VOUT2
IOUT2
150°C - T
A
PD
Calculating Power Dissipation
in a Dual Output Linear Regulator


Similar Part No. - CS8135YTVA5

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8135YTVA5 CHERRY-CS8135YTVA5 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
More results

Similar Description - CS8135YTVA5

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
logo
Toshiba Semiconductor
TAR8H05K TOSHIBA-TAR8H05K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D03K TOSHIBA-TAR8D03K Datasheet
169Kb / 8P
   Dual Low-Dropout Regulator
TAR8D06K TOSHIBA-TAR8D06K Datasheet
162Kb / 7P
   Dual Low-Dropout Regulator
TAR8D01K TOSHIBA-TAR8D01K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D08K TOSHIBA-TAR8D08K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8H03K TOSHIBA-TAR8H03K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
logo
Microsemi Corporation
SG29055 MICROSEMI-SG29055 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
LX8942 MICROSEMI-LX8942 Datasheet
238Kb / 8P
   Low Dropout Dual Regulator
SG29055 MICROSEMI-SG29055_1 Datasheet
253Kb / 4P
   LOW DROPOUT DUAL REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com