Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC824206XA--VH Datasheet(PDF) 4 Page - ON Semiconductor

Part # LC824206XA--VH
Description  5:1 Micro USB Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC824206XA--VH Datasheet(HTML) 4 Page - ON Semiconductor

  LC824206XA--VH Datasheet HTML 1Page - ON Semiconductor LC824206XA--VH Datasheet HTML 2Page - ON Semiconductor LC824206XA--VH Datasheet HTML 3Page - ON Semiconductor LC824206XA--VH Datasheet HTML 4Page - ON Semiconductor LC824206XA--VH Datasheet HTML 5Page - ON Semiconductor LC824206XA--VH Datasheet HTML 6Page - ON Semiconductor LC824206XA--VH Datasheet HTML 7Page - ON Semiconductor LC824206XA--VH Datasheet HTML 8Page - ON Semiconductor LC824206XA--VH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LC824206XA
No.A2222-4/15
Absolute Maximum Ratings at Ta = 25
C
Parameter
Ratings
Unit
Maximum supply voltage
VBAT
0.3 to 6.0
V
VBUS
0.3 to 28.0
V
Maximum input/output
voltage
(DP/DM to signal pin)
USB1,2_Path
0.5 to 4.6
V
UART_Path
0.3 to 4.6
V
AUDIO_Path
1.5 to 4.6
V
AUDIO input range
3.0
Vpp
MIC(DP)_Path
0.5 to 4.6
V
MIC(DP) input range
2.0
Vpp
Stereo-MIC_Path
0.5 to 4.6
V
Stereo-MICinput range
2.0
Vpp
MHL(TMDS)_Path
0.3 to 4.6
V
Maximum input/output
voltage
(VBUS pin to MIC pin)
MIC(VBUS)_Path
0.3 to 4.6
V
MIC(VBUS) input range
2.0
Vpp
Maximum input/output
voltage
(CBUS/VIDEO pin
to ID pin)
CBUS/VIDEO_Path
(CBUS/CVBS)
1.5 to 4.6
V
VIDEO input range
(CVBS)
3.0
Vpp
ID
0.3 to 6.0
V
Maximum input/output
voltage
VBUSOUT (output only)
0.3 to 6.0
V
OTG_IN
0.3 to 6.0
V
Others
*1)
0.3 to 4.6
V
Allowable loss
* 2)
Pd (Ta = 25
C)
690
mW
Operating temperature
range
Topr
30 to +85
C
Storage temperature
range
Tstg
55 to +125
C
*1) The Others means I2C_SCL, I2C_SDA, INTB, RESETB, CHG_DETB, and VBUS_DETB pin.
*2) The values were obtained with glass epoxy board of 50 x 40 x 0.9t mm.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - LC824206XA--VH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC824204-13YB-VH ONSEMI-LC824204-13YB-VH Datasheet
343Kb / 14P
   4:1 Micro USB Switch
October, 2013 Ver. 1.0
More results

Similar Description - LC824206XA--VH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2221 ONSEMI-ENA2221 Datasheet
343Kb / 14P
   4:1 Micro USB Switch
October, 2013 Ver. 1.0
logo
Texas Instruments
TSU6111 TI1-TSU6111 Datasheet
869Kb / 25P
[Old version datasheet]   SP2T Switch with Impedance Detection Micro-USB Switch to Support USB, UART
logo
Tripp Lite. All Rights ...
U426-003 TRIPPLITE-U426-003 Datasheet
178Kb / 3P
   USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB 3.0 Micro-B (M/M), 3 ft.
U05206N TRIPPLITE-U05206N Datasheet
470Kb / 2P
   Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB A to USB A M-F, 6-in
logo
Molex Electronics Ltd.
47346-0001 MOLEX-47346-0001 Datasheet
115Kb / 2P
   Micro-USB
logo
Tripp Lite. All Rights ...
U052-06N TRIPPLITE-U052-06N Datasheet
155Kb / 3P
   Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB B to USB A M/F, 6-in.
logo
Wurth Elektronik GmbH &...
629105136821 WURTH-629105136821 Datasheet
519Kb / 2P
   MICRO USB 2.0 SMT TYPE B 5 CONTACTS
logo
Tripp Lite. All Rights ...
U052-06N-WH TRIPPLITE-U052-06N-WH Datasheet
160Kb / 3P
   Micro USB to USB OTG Host Adapter Cable, 5-Pin USB Micro-B to USB-A (M/F), White, 6 in.
logo
Texas Instruments
TSU6712 TI1-TSU6712 Datasheet
738Kb / 43P
[Old version datasheet]   SP4T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND VIDEO
MAY2011
TSU5511 TI1-TSU5511 Datasheet
363Kb / 25P
[Old version datasheet]   SP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com