Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAF-0402-AAA-CB-AE Datasheet(PDF) 10 Page - ON Semiconductor

Part # KAF-0402-AAA-CB-AE
Description  FULL FRAME CCD IMAGE SENSOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-0402-AAA-CB-AE Datasheet(HTML) 10 Page - ON Semiconductor

Back Button KAF-0402-AAA-CB-AE Datasheet HTML 6Page - ON Semiconductor KAF-0402-AAA-CB-AE Datasheet HTML 7Page - ON Semiconductor KAF-0402-AAA-CB-AE Datasheet HTML 8Page - ON Semiconductor KAF-0402-AAA-CB-AE Datasheet HTML 9Page - ON Semiconductor KAF-0402-AAA-CB-AE Datasheet HTML 10Page - ON Semiconductor KAF-0402-AAA-CB-AE Datasheet HTML 11Page - ON Semiconductor KAF-0402-AAA-CB-AE Datasheet HTML 12Page - ON Semiconductor KAF-0402-AAA-CB-AE Datasheet HTML 13Page - ON Semiconductor KAF-0402-AAA-CB-AE Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
KAF−0402
www.onsemi.com
10
AC Operating Conditions
Table 9. CLOCK LEVELS
Description
Symbol
Level
Minimum
Nominal
Maximum
Units
Effective
Capacitance
Vertical CCD Clock − Phase 1
fV1
Low
−10.5
−10
−9.5
V
6 nF (All
fV1 Pins)
Vertical CCD Clock − Phase 1
fV1
High
−0.5
0
1.0
V
6 nF (All
fV1 Pins)
Vertical CCD Clock − Phase 2
fV2
Low
−10.5
−10.0
−9.5
V
6 nF (All
fV2 Pins)
Vertical CCD Clock − Phase 2
fV2
High
−0.5
0
1.0
V
6 nF (All
fV2 Pins)
Horizontal CCD Clock − Phase 1
fH1
Low
−4.5
−4.0
−3.5
V
50 pF
Horizontal CCD Clock − Phase 1
fH1
Amplitude
9.5
10.0
10.5
V
50 pF
Horizontal CCD Clock − Phase 2
fH2
Low
−4.5
−4.0
−3.5
V
50 pF
Horizontal CCD Clock − Phase 2
fH2
Amplitude
9.5
10.0
10.5
V
50 pF
Reset Clock
fR
Low
−3.0
−2.0
−1.75
V
5 pF
Reset Clock
fR
Amplitude
5.0
6.0
7.0
V
5 pF
1. All pins draw less than 10
mA DC current.
2. Capacitance values relative to VSUB.


Similar Part No. - KAF-0402-AAA-CB-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261 Datasheet
219Kb / 15P
   Full Frame CCD Image Sensor
August, 2014 ??Rev. 2
KAF-0261 ONSEMI-KAF-0261 Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
KAF-0261-AAA-CD-AE ONSEMI-KAF-0261-AAA-CD-AE Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
KAF-0261-AAA-CD-BA ONSEMI-KAF-0261-AAA-CD-BA Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
KAF-0261-AAA-CP-AE ONSEMI-KAF-0261-AAA-CP-AE Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
More results

Similar Description - KAF-0402-AAA-CB-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
   Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-1001 ONSEMI-KAF-1001 Datasheet
1Mb / 23P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 REV 1.1
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
logo
NXP Semiconductors
FTF3020-M PHILIPS-FTF3020-M Datasheet
224Kb / 16P
   Full Frame CCD Image Sensor
1999 November 22
logo
ON Semiconductor
KAF-1603 ONSEMI-KAF-1603_17 Datasheet
475Kb / 15P
   Full Frame CCD Image Sensor
February, 2017 ??Rev. 2
KAF-8300 ONSEMI-KAF-8300 Datasheet
404Kb / 28P
   Full Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-16803 ONSEMI-KAF-16803 Datasheet
1Mb / 31P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com