Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAF-0402-AAA-CP-B1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # KAF-0402-AAA-CP-B1
Description  FULL FRAME CCD IMAGE SENSOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-0402-AAA-CP-B1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button KAF-0402-AAA-CP-B1 Datasheet HTML 4Page - ON Semiconductor KAF-0402-AAA-CP-B1 Datasheet HTML 5Page - ON Semiconductor KAF-0402-AAA-CP-B1 Datasheet HTML 6Page - ON Semiconductor KAF-0402-AAA-CP-B1 Datasheet HTML 7Page - ON Semiconductor KAF-0402-AAA-CP-B1 Datasheet HTML 8Page - ON Semiconductor KAF-0402-AAA-CP-B1 Datasheet HTML 9Page - ON Semiconductor KAF-0402-AAA-CP-B1 Datasheet HTML 10Page - ON Semiconductor KAF-0402-AAA-CP-B1 Datasheet HTML 11Page - ON Semiconductor KAF-0402-AAA-CP-B1 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
KAF−0402
www.onsemi.com
8
DEFECT DEFINITIONS
Table 6. SPECIFICATIONS (Defect tests performed at T = 25
°C)
Grade
Point Defect
Cluster Defect
Column Defect
C1
< 5
0
0
C2
< 10
< 4
0
Point Defects
Dark: A pixel which deviates by more than 6% from
neighboring pixels when illuminated to 70% of saturation.
Bright: A pixel whose dark current > 5,000 e/pix/sec at
25
°C.
Cluster Defect
A grouping of not more than 5 adjacent point defects.
Column Defect
A grouping of > 5 contiguous point defects along a single
column.
A column containing a pixel with dark current
> 12,000 e/pix/sec at 25
°C (Bright column).
A column that does not meet the minimum vertical CCD
charge capacity (Low charge capacity column).
A column that loses > 250 eunder 2 ke(Trap defect).
Neighboring Pixels
The surrounding 128
× 128 pixels or ±64 columns/rows.
Defect Separation
Column and cluster defects are separated by no less than
2 pixels in any direction (excluding single pixel defects).
Figure 7. Active Pixel Region
1, 512
1, 1
768, 512
768, 1


Similar Part No. - KAF-0402-AAA-CP-B1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261 Datasheet
219Kb / 15P
   Full Frame CCD Image Sensor
August, 2014 ??Rev. 2
KAF-0261 ONSEMI-KAF-0261 Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
KAF-0261-AAA-CD-AE ONSEMI-KAF-0261-AAA-CD-AE Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
KAF-0261-AAA-CD-BA ONSEMI-KAF-0261-AAA-CD-BA Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
KAF-0261-AAA-CP-AE ONSEMI-KAF-0261-AAA-CP-AE Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
More results

Similar Description - KAF-0402-AAA-CP-B1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
   Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-1001 ONSEMI-KAF-1001 Datasheet
1Mb / 23P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 REV 1.1
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
logo
NXP Semiconductors
FTF3020-M PHILIPS-FTF3020-M Datasheet
224Kb / 16P
   Full Frame CCD Image Sensor
1999 November 22
logo
ON Semiconductor
KAF-1603 ONSEMI-KAF-1603_17 Datasheet
475Kb / 15P
   Full Frame CCD Image Sensor
February, 2017 ??Rev. 2
KAF-8300 ONSEMI-KAF-8300 Datasheet
404Kb / 28P
   Full Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-16803 ONSEMI-KAF-16803 Datasheet
1Mb / 31P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com