Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAF-40000 Datasheet(PDF) 8 Page - ON Semiconductor

Part # KAF-40000
Description  Frame CCD Image Sensor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-40000 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button KAF-40000 Datasheet HTML 4Page - ON Semiconductor KAF-40000 Datasheet HTML 5Page - ON Semiconductor KAF-40000 Datasheet HTML 6Page - ON Semiconductor KAF-40000 Datasheet HTML 7Page - ON Semiconductor KAF-40000 Datasheet HTML 8Page - ON Semiconductor KAF-40000 Datasheet HTML 9Page - ON Semiconductor KAF-40000 Datasheet HTML 10Page - ON Semiconductor KAF-40000 Datasheet HTML 11Page - ON Semiconductor KAF-40000 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
KAF−40000
www.onsemi.com
8
IMAGING PERFORMANCE
Table 4. TYPICAL OPERATIONAL CONDITIONS
Description
Test Condition − Unless
Otherwise Noted
Units
Notes
Readout Time (tREADOUT)
2093
ms
Includes 140 Overclock Pixels
Includes 178 Overclock Lines
Integration Time (tINT)
Variable
33
200
250
1000
ms
Low Light Tests
Saturation Tests
Brightfield Tests
Darkfield and Linearity Tests
Frame Time (tREADOUT + tINT)
Variable
2126 (2093 + 33)
2293 (2093 + 200)
2343 (2093 + 250)
3093 (2093 + 1000)
ms
Low Light Tests
Saturation Tests
Brightfield Tests
Darkfield and Linearity Tests
Line Time (tLINE)
364.3
ms
Includes 140 Overclock Pixels
Horizontal Clock Frequency
12 (as Tested)
MHz
Guaranteed for 18 MHz Operation
Temperature − Room
20
°C
Room Temperature
Temperature − Device
29
°C
Typical Device Operating Temperature at Test
Room Temperature
Operation
Nominal Operating Levels
Dual Parallel Split Mode
Table 5. SPECIFICATIONS
Description
Symbol
Min.
Nom.
Max.
Units
Verification
Plan15
Saturation Signal (Note 1)
NSAT
Ne−SAT
Q/V
1075
1300
42
31
mV
e
mV/e
Die
Photoresponse Non-Linearity (Note 2)
PRNL
5
10
%
Die
Photoresponse Non-Uniformity (Note 3)
PRNU
8.5
25
% p−p
Die
Readout Dark Signal (Note 4)
VDARK,READ
18
20
mV/s
Die
Integration Dark Signal (Note 5)
VDARK,INT
3
10
mV/s
Die
Dark Signal Non-Uniformity (Notes 6, 16)
DSNU
1
4
mV p−p
Die
Dark Signal Doubling Temperature (Note 4)
DT
5.5
°C
Design
Read Noise (Note 7)
NR
13
erms
Design
Dynamic Range (Note 8)
DR
70.2
dB
Design
Estimated Linear Dynamic Range
DRLIN (Est.)
69.3
dB
Design
Red-Green Hue Shift
Blue-Green Hue Shift (Note 9)
RGHueUnif
BGHueUnif
5
12
%
Die
Horizontal Charge Transfer Efficiency
(Note 10)
HCTE
0.999995
Die
Vertical Charge Transfer Efficiency
VCTE
0.999999
0.999998
Die
Blooming Protection (Note 11)
XAB
800
1400
x ESAT
Design
DC Offset, Output Amplifier (Note 12)
VODC
6.0
7.5
9.5
V
Die
Output Amplifier Bandwidth (Note 13)
f−3dB
220
MHz
Design
Output Impedance, Amplifier
ROUT
100
145
300
W
Die
Reset Feedthrough
VRFT
0.5
V
Design


Similar Part No. - KAF-40000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-4301-AAA-JP-AE ONSEMI-KAF-4301-AAA-JP-AE Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-4301-AAA-JP-B1 ONSEMI-KAF-4301-AAA-JP-B1 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-4301-AAA-JP-B2 ONSEMI-KAF-4301-AAA-JP-B2 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-4320 ONSEMI-KAF-4320 Datasheet
791Kb / 25P
   Full HD Digital Image Sensor
April, 2015 ??Rev. 2
More results

Similar Description - KAF-40000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-50100 ONSEMI-KAF-50100 Datasheet
258Kb / 25P
   Frame CCD Image Sensor
April, 2015 ??Rev. 3
KAF-18500 ONSEMI-KAF-18500 Datasheet
571Kb / 20P
   Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-16200 ONSEMI-KAF-16200 Datasheet
317Kb / 21P
   Frame CCD Image Sensor
October, 2015 ??Rev. 0
KAF-37500 ONSEMI-KAF-37500 Datasheet
310Kb / 24P
   Frame CCD Image Sensor
May, 2015 ??Rev. 2
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
   Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-1001 ONSEMI-KAF-1001 Datasheet
1Mb / 23P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 REV 1.1
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
logo
NXP Semiconductors
FTF3020-M PHILIPS-FTF3020-M Datasheet
224Kb / 16P
   Full Frame CCD Image Sensor
1999 November 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com