Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-0373-ABA-CB-AE Datasheet(PDF) 1 Page - ON Semiconductor

Part # KAI-0373-ABA-CB-AE
Description  Interline CCD Image Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-0373-ABA-CB-AE Datasheet(HTML) 1 Page - ON Semiconductor

  KAI-0373-ABA-CB-AE Datasheet HTML 1Page - ON Semiconductor KAI-0373-ABA-CB-AE Datasheet HTML 2Page - ON Semiconductor KAI-0373-ABA-CB-AE Datasheet HTML 3Page - ON Semiconductor KAI-0373-ABA-CB-AE Datasheet HTML 4Page - ON Semiconductor KAI-0373-ABA-CB-AE Datasheet HTML 5Page - ON Semiconductor KAI-0373-ABA-CB-AE Datasheet HTML 6Page - ON Semiconductor KAI-0373-ABA-CB-AE Datasheet HTML 7Page - ON Semiconductor KAI-0373-ABA-CB-AE Datasheet HTML 8Page - ON Semiconductor KAI-0373-ABA-CB-AE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© Semiconductor Components Industries, LLC, 2015
March, 2015 − Rev. 4
1
Publication Order Number:
KAI−0373/D
KAI-0373
768 (H) x 484 (V) Interline
CCD Image Sensor
Description
The KAI−0373 is a high-performance silicon charge-coupled device
(CCD) designed for video image sensing and electronic still
photography. The device is built using an advanced true two-phase,
double-polysilicon, NMOS CCD technology. The p+npn−
photodetector elements eliminate image lag and reduce image smear
while providing anti-blooming protection and electronic-exposure
control. The total chip size is 9.9 (H) mm
× 7.7 (V) mm.
The KAI−0373 comes in monochrome versions, with an option with
microlens for sensitivity improvement.
Table 1. GENERAL SPECIFICATIONS
Parameter
Typical Value
Architecture
Interline Transfer CDD;
Progressive Scan
Number of Active Pixels
768 (H)
× 484 (V)
Number of Outputs
1
Pixel Size
11.6
mm(H) × 13.6 mm (V)
Active Image Size
8.91 mm (H)
× 6.58 mm (V),
11.1 mm (Diagonal),
2/3
″ Optical Format
Aspect Ratio
3:2
Output Sensitivity
9
mV/e
Photometric Sensitivity
KAI−0373−ABA
2.2 V/lux−sec
Charge Capacity
55 ke
Maximum Pixel Clock Speed
14.32 MHz
Maximum Frame Rate
30 fps
Package Type
CerDIP
Package Size
0.800
″ [20.32 mm] Width
1.200
″ [30.48 mm] Length
Package Pins
24
Package Pin Spacing
0.100
″ (2.54 mm)
NOTE: All Parameters are specified at T = 40
°C unless otherwise noted.
Features
High Resolution
High Sensitivity
High Dynamic Range
Low Noise Architecture
High Frame Rate
Binning Capability for Higher Frame Rate
Electronic Shutter
Application
Intelligent Traffic Systems
Surveillance
www.onsemi.com
Figure 1. KAI−0373 Interline
CCD Image Sensor
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - KAI-0373-ABA-CB-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-0330 ONSEMI-KAI-0330 Datasheet
265Kb / 25P
   Interline CCD Image Sensor
August, 2015 ??Rev. 4
KAI-0330-AAA-CP-AE ONSEMI-KAI-0330-AAA-CP-AE Datasheet
265Kb / 25P
   Interline CCD Image Sensor
August, 2015 ??Rev. 4
KAI-0330-AAA-CP-BA ONSEMI-KAI-0330-AAA-CP-BA Datasheet
265Kb / 25P
   Interline CCD Image Sensor
August, 2015 ??Rev. 4
KAI-0330-ABA-CB-AA ONSEMI-KAI-0330-ABA-CB-AA Datasheet
265Kb / 25P
   Interline CCD Image Sensor
August, 2015 ??Rev. 4
KAI-0330-ABA-CB-AE ONSEMI-KAI-0330-ABA-CB-AE Datasheet
265Kb / 25P
   Interline CCD Image Sensor
August, 2015 ??Rev. 4
More results

Similar Description - KAI-0373-ABA-CB-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com