Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-0330-ABA-CB-AE Datasheet(PDF) 11 Page - ON Semiconductor

Part # KAI-0330-ABA-CB-AE
Description  Interline CCD Image Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-0330-ABA-CB-AE Datasheet(HTML) 11 Page - ON Semiconductor

Back Button KAI-0330-ABA-CB-AE Datasheet HTML 7Page - ON Semiconductor KAI-0330-ABA-CB-AE Datasheet HTML 8Page - ON Semiconductor KAI-0330-ABA-CB-AE Datasheet HTML 9Page - ON Semiconductor KAI-0330-ABA-CB-AE Datasheet HTML 10Page - ON Semiconductor KAI-0330-ABA-CB-AE Datasheet HTML 11Page - ON Semiconductor KAI-0330-ABA-CB-AE Datasheet HTML 12Page - ON Semiconductor KAI-0330-ABA-CB-AE Datasheet HTML 13Page - ON Semiconductor KAI-0330-ABA-CB-AE Datasheet HTML 14Page - ON Semiconductor KAI-0330-ABA-CB-AE Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
KAI−0330
www.onsemi.com
11
DEFECT DEFINITIONS
Table 10. OPERATIONAL CONDITIONS
Description
Symbol
Condition
Junction Temperature
TJ
40
°C
Integration Time
tINT
40 ms
Readout Rate
tREADOUT
40 ms
Table 11. SPECIFICATIONS
Point Defects (Major)
Point Defects (Minor)
Cluster Defects
Column Defects
≤ 2
≤ 15
0
0
Table 12. DEFECT DEFINITIONS
Defect Type
Defect Definition
Major Defective Pixel
A pixel whose signal deviates by more than 25 mV from the mean value of all active pixels under
dark field condition or by more than 15% from the mean value of all active pixels under uniform
illumination at 80% of saturation.
Minor Defective Pixel
A pixel whose signal deviates by more than 6 mV from the mean value of all active pixels under dark
field condition.
Point Defect
An isolated defective pixel.
Cluster Defect
A group of 2 to 4 contiguous major defective pixels.
Column Defect
A group of more than 4 contiguous major defective pixels along a single column or row.
NOTE:
No row defect are allowed.


Similar Part No. - KAI-0330-ABA-CB-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-0340 ONSEMI-KAI-0340 Datasheet
684Kb / 45P
   Interline CCD Image Sensor
September, 2015 ??Rev. 3
KAI-0340 ONSEMI-KAI-0340 Datasheet
809Kb / 45P
   Interline CCD Image Sensor
February, 2017 ??Rev. 4
KAI-0340-AAA-CF-AA ONSEMI-KAI-0340-AAA-CF-AA Datasheet
684Kb / 45P
   Interline CCD Image Sensor
September, 2015 ??Rev. 3
KAI-0340-AAA-CF-AA ONSEMI-KAI-0340-AAA-CF-AA Datasheet
809Kb / 45P
   Interline CCD Image Sensor
February, 2017 ??Rev. 4
KAI-0340-AAA-CF-AE ONSEMI-KAI-0340-AAA-CF-AE Datasheet
684Kb / 45P
   Interline CCD Image Sensor
September, 2015 ??Rev. 3
More results

Similar Description - KAI-0330-ABA-CB-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com