Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-0340-ABB-CP-AE Datasheet(PDF) 7 Page - ON Semiconductor

Part # KAI-0340-ABB-CP-AE
Description  Interline CCD Image Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-0340-ABB-CP-AE Datasheet(HTML) 7 Page - ON Semiconductor

Back Button KAI-0340-ABB-CP-AE Datasheet HTML 3Page - ON Semiconductor KAI-0340-ABB-CP-AE Datasheet HTML 4Page - ON Semiconductor KAI-0340-ABB-CP-AE Datasheet HTML 5Page - ON Semiconductor KAI-0340-ABB-CP-AE Datasheet HTML 6Page - ON Semiconductor KAI-0340-ABB-CP-AE Datasheet HTML 7Page - ON Semiconductor KAI-0340-ABB-CP-AE Datasheet HTML 8Page - ON Semiconductor KAI-0340-ABB-CP-AE Datasheet HTML 9Page - ON Semiconductor KAI-0340-ABB-CP-AE Datasheet HTML 10Page - ON Semiconductor KAI-0340-ABB-CP-AE Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
KAI−0340
www.onsemi.com
7
Table 6. IMAGING PERFORMANCE SPECIFICATIONS (continued)
Description
Temperature
Tested at
(
5C)
Sampling
Plan
Unit
Max.
Nom.
Min.
Symbol
COLOR CONFIGURATIONS
Photometric Sensitivity Gen2
Red (R) Pixels (Note 4)
N/A
0.92
N/A
V/lux-sec
Design
Photometric Sensitivity Gen1
Blue (B) Pixels (Notes 4, 5)
N/A
1.14
N/A
V/lux-sec
Design
Photometric Sensitivity Gen1
Green (G) Pixels (Notes 4, 5)
N/A
1.51
N/A
V/lux-sec
Design
Photometric Sensitivity Gen1
Red (R) Pixels (Notes 4, 5)
N/A
0.66
N/A
V/lux-sec
Design
1. Measured at sensor output with constant current load of IOUT = −5 mA and during the floating diffusion reset interval (R high).
2. Last stage only. CLOAD = 10 pF. Then f−3dB = (1 / (2n ⋅ ROUT ⋅ CLOAD)).
3. Per color.
4. Calculated using quantum efficiency, output amplifier sensitivity, 3200K Plankian source and a CM500S IR-cut filter.
5. This color filter set configuration (Gen1) is not recommended for new designs.


Similar Part No. - KAI-0340-ABB-CP-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-0340-ABB-CP-AE ONSEMI-KAI-0340-ABB-CP-AE Datasheet
809Kb / 45P
   Interline CCD Image Sensor
February, 2017 ??Rev. 4
More results

Similar Description - KAI-0340-ABB-CP-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com