Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301430014 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301430014
Description  Safeway Flanged Inlet with Locking Blade, 2 Pole/2 Wire, NEMA L1-15, 125V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301430014 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301430014 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301430014
Status:
Active
Overview:
Heavy-Duty Industrial Wiring Devices
Description:
Safeway® Flanged Inlet with Locking Blade, 2 Pole/2 Wire, NEMA L1-15, 125V
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR6837
General
Product Family
Wiring Devices
Series
130143
IP Rating
N/A
NEMA Configuration
NEMA L1-15
Overview
Heavy-Duty Industrial Wiring Devices
Product Literature Order No
987650-8068
Product Name
Safeway®
Receptacle Type
Single
Specialty
N/A
Type
Inlet
UPC
78678806055
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
Yes
Flip Lid
No
Gender
Male
Length
N/A
Locking Blade
Yes
Poles
2-pole/2-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
15.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
125V
Material Info
Old Part Number
2404MB
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130143 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301430014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301430015 MOLEX11-1301430015 Datasheet
41Kb / 1P
   Watertite Cordset 16 Gauge SOOW with Locking Blade, 2 Pole/2 Wire, Cord Length
1301430017 MOLEX11-1301430017 Datasheet
41Kb / 1P
   Watertite Cordset 14 Gauge SOOW with Lock Blade, 2 Pole/3 Wire, Cordset Length
More results

Similar Description - 1301430014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130143-0014 MOLEX11-130143-0014 Datasheet
40Kb / 1P
   Safeway Flanged Inlet with Locking Blade, 2 Pole/2 Wire, NEMA L1-15, 125V
130149-0018 MOLEX11-130149-0018 Datasheet
53Kb / 1P
   Safeway Flanged Receptacle with Locking Blade, 2 Pole/2 Wire, NEMA L1-15, 125V
1301490018 MOLEX11-1301490018 Datasheet
46Kb / 1P
   Safeway Flanged Receptacle with Locking Blade, 2 Pole/2 Wire, NEMA L1-15, 125V
130149-0016 MOLEX11-130149-0016 Datasheet
41Kb / 1P
   Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L5-15, 125V
1301490016 MOLEX11-1301490016 Datasheet
34Kb / 1P
   Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L5-15, 125V
1301440019 MOLEX11-1301440019 Datasheet
38Kb / 1P
   Safeway Connector with Locking Blade, 2 Pole/2 Wire, NEMA L1-15, 125V
1301410052 MOLEX11-1301410052 Datasheet
51Kb / 1P
   Super-Safeway Connector with Locking Blade, 2 Pole/2 Wire, NEMA L1-15, 125V
130149-0048 MOLEX11-130149-0048 Datasheet
42Kb / 1P
   Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L5-30, 125V
1301490048 MOLEX11-1301490048 Datasheet
35Kb / 1P
   Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L5-30, 125V
130149-0027 MOLEX11-130149-0027 Datasheet
46Kb / 1P
   Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L5-20, 125V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com