Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL1410E1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # XL1410E1
Description  2A 380KHz 18V Buck DC to DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL1410E1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  XL1410E1 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL1410E1 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL1410E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL1410E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL1410E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL1410E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL1410E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL1410E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL1410E1 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Datasheet
2A 380KHz 18V Buck DC to DC Converter
XL1410
Rev 1.0
www.xlsemi.com
2
Pin Configurations
Figure2. Pin Configuration of XL1410 (Top View)
Pin Number
Pin Name
Description
1,6,8
NC
No Connected.
2
VIN
Supply Voltage Input Pin. XL1410 operates from a 3.6V to 18V
DC voltage. Bypass Vin to GND with a suitably large capacitor
to eliminate noise on the input.
3
SW
Power Switch Output Pin (SW). Output is the switch node that
supplies power to the output.
4
GND
Ground Pin. Care must be taken in layout. This pin should be
placed outside of the Schottky Diode to output capacitor ground
path to prevent switching current spikes from inducing voltage
noise into XL1410.
5
FB
Feedback Pin (FB). Through an external resistor divider
network, Feedback senses the output voltage and regulates it.
The feedback threshold voltage is 1.222V.
7
EN
Enable Pin. Drive EN pin low to turn off the device, drive it
high to turn it on. Floating is default high.
Function Block
Figure3. Function Block Diagram of XL1410


Similar Part No. - XL1410E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL1410E1 XLSEMI-XL1410E1 Datasheet
210Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
More results

Similar Description - XL1410E1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1513 HMSEMI-HM1513 Datasheet
325Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
logo
XLSEMI
XL1410 XLSEMI-XL1410 Datasheet
210Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1410 HMSEMI-HM1410 Datasheet
749Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1513 ETC2-XL1513 Datasheet
253Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
XL1530 ETC2-XL1530 Datasheet
251Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
XLSEMI
XL1530 XLSEMI-XL1530 Datasheet
187Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202 BCDSEMI-AP3202 Datasheet
556Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
logo
YOBON TECHNOLOGIES,INC.
YB1685 YOBON-YB1685 Datasheet
226Kb / 9P
   2A 380KHz 32V PWM Buck DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM1530 HMSEMI-HM1530 Datasheet
291Kb / 9P
   3A 380KHz 18V Buck DC to DC Converte
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com