Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL1509-5.0E1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # XL1509-5.0E1
Description  2A 150KHz 40V Buck DC to DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL1509-5.0E1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button XL1509-5.0E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL1509-5.0E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL1509-5.0E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL1509-5.0E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL1509-5.0E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL1509-5.0E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL1509-5.0E1 Datasheet HTML 9Page - List of Unclassifed Manufacturers XL1509-5.0E1 Datasheet HTML 10Page - List of Unclassifed Manufacturers XL1509-5.0E1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Datasheet
2A 150KHz 40V Buck DC to DC Converter
XL1509
Rev 2.0
www.xlsemi.com
7
Electrical Characteristics (DC Parameters)
Vin = 12V for the 3.3V,5V,and Adjustable versions and Vin=24V for the 12V version, GND=0V,
Vin & GND parallel connect a 220uf/50V capacitor; Iout=500mA, Ta = 25℃; the others floating
unless otherwise specified.
Parameters
Symbol
Test Condition
Min.
Typ.
Max. Unit
Input operation voltage
Vin
4.5
40
V
Shutdown Supply Current
ISTBY
VON/OFF=5V
80
200
uA
Quiescent Supply Current
Iq
VON/OFF =0V,
VFB =Vin
2
10
mA
Oscillator Frequency
Fosc
127
150
173
Khz
Switch Current Limit
IL
VFB =0
4
A
ON/OFF Pin Threshold
VON/OFF
High (Regulator OFF)
Low (Regulator ON)
1.4
0.8
V
IH
VON/OFF =2.5V (OFF)
5
15
uA
ON/OFF
Pin
Input
Leakage Current
IL
VON/OFF =0.5V (ON)
0.2
5
uA
Output Saturation Voltage
VCE
VFB=0V
Iout=2A
1.2
1.4
V
Max. Duty Cycle
DMAX
VFB=0V
100
%


Similar Part No. - XL1509-5.0E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL1509 XLSEMI-XL1509 Datasheet
219Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
logo
Guangdong Youtai Semico...
XL1509 UMW-XL1509 Datasheet
1Mb / 12P
   Wide 4.5V to 40V Input Voltage Range
logo
XLSEMI
XL1509122500E1 XLSEMI-XL1509122500E1 Datasheet
219Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
XL15093.32500E1 XLSEMI-XL15093.32500E1 Datasheet
219Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
XL15095.02500E1 XLSEMI-XL15095.02500E1 Datasheet
219Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
More results

Similar Description - XL1509-5.0E1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1509 HMSEMI-HM1509 Datasheet
324Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL1509 XLSEMI-XL1509 Datasheet
219Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
logo
Unisonic Technologies
LD1596 UTC-LD1596_15 Datasheet
168Kb / 5P
   2A 150kHz 40V BUCK DC/DC CONVERTER
logo
Orister Corporation
RS6501 ORISTER-RS6501 Datasheet
486Kb / 8P
   150KHz, 40V, 2A PWM Buck DC/DC Converter
logo
Princeton Technology Co...
RS6501 PTC-RS6501 Datasheet
221Kb / 3P
   150KHz, 40V, 2A PWM Buck DC/DC Converter
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S_07 Datasheet
718Kb / 9P
   2A / 150KHz Buck Dc-Dc Converter
TS2596S TSC-TS2596S Datasheet
578Kb / 10P
   2A / 150KHz Buck Dc-Dc Converter
logo
YOBON TECHNOLOGIES,INC.
YB1693 YOBON-YB1693 Datasheet
296Kb / 8P
   2A / 150KHz Buck DC-DC Converter
logo
List of Unclassifed Man...
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S_09 Datasheet
718Kb / 9P
   2A / 150KHz Buck Dc-Dc Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com