Electronic Components Datasheet Search |
|
XL1513E1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
XL1513E1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 9 page Datasheet 2A 380KHz 18V Buck DC to DC Converter XL1513 Rev 1.0 www.xlsemi.com 2 Pin Configurations XL1513 1 3 5 2 4 SW FB NC EN VIN 6 7 8 SW GND GND Figure2. Pin Configuration of XL1513 (Top View) Table 1 Pin Description Pin Number Pin Name Description 3 NC No Connected. 4 VIN Supply Voltage Input Pin. XL1513 operates from a 3.6V to 18V DC voltage. Bypass Vin to GND with a suitably large capacitor to eliminate noise on the input. 5,6 SW Power Switch Output Pin (SW). Output is the switch node that supplies power to the output. 7,8 GND Ground Pin. Care must be taken in layout. This pin should be placed outside of the Schottky Diode to output capacitor ground path to prevent switching current spikes from inducing voltage noise into XL1513. 1 FB Feedback Pin (FB). Through an external resistor divider network, Feedback senses the output voltage and regulates it. The feedback threshold voltage is 0.8V. 2 EN Enable Pin. Drive EN pin low to turn off the device, drive it high to turn it on. Floating is default high. |
Similar Part No. - XL1513E1 |
|
Similar Description - XL1513E1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |