Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL2011E1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # XL2011E1
Description  5V/2.1A 150KHz 45V Buck DC to DC Converter For USB Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL2011E1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  XL2011E1 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL2011E1 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL2011E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL2011E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL2011E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL2011E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL2011E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL2011E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL2011E1 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Datasheet
5V/2.1A 150KHz 45V Buck DC to DC Converter For USB Interface
XL2011
Rev 1.0
www.xlsemi.com
4
Ordering Information
Part Number
Marking ID
Lead Free
Lead Free
Packing Type
Package
Temperature
Range
XL2011E1
XL2011E1
2500 Units on Tape & Reel
XLSEMI Pb-free products, as designated with “E1” suffix in the par number, are RoHS compliant.
Absolute Maximum Ratings(Note1)
Parameter
Symbol
Value
Unit
Input Voltage
Vin
-0.3 to 50
V
Feedback Pin Voltage
VFB
-0.3 to Vin
V
Output Switch Pin Voltage
VOutput
-0.3 to Vin
V
Power Dissipation
PD
Internally limited
mW
Thermal Resistance (SOP8L)
(Junction to Ambient, No Heatsink, Free Air)
RJA
100
ºC/W
Operating Junction Temperature
TJ
-40 to 125
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10 sec)
TLEAD
260
ºC
ESD (HBM)
>2000
V
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.


Similar Part No. - XL2011E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL2011E1 XLSEMI-XL2011E1 Datasheet
186Kb / 9P
   5V/2.1A 150KHz 45V Buck DC to DC Converter For USB Interface
More results

Similar Description - XL2011E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL2011 XLSEMI-XL2011 Datasheet
186Kb / 9P
   5V/2.1A 150KHz 45V Buck DC to DC Converter For USB Interface
logo
Shenzhen Huazhimei Semi...
HM3511 HMSEMI-HM3511 Datasheet
581Kb / 9P
   5V/2.1A 150KHz 45V Buck DC to DC Converter For USB Interface
logo
List of Unclassifed Man...
XL2001 ETC2-XL2001 Datasheet
242Kb / 9P
   5V/1.8A 150KHz 45V Buck DC to DC Converter For USB Interface
logo
XLSEMI
XL2001 XLSEMI-XL2001 Datasheet
185Kb / 9P
   5V/1.8A 150KHz 45V Buck DC to DC Converter For USB Interface
logo
Shenzhen Huazhimei Semi...
HM3501 HMSEMI-HM3501 Datasheet
563Kb / 9P
   5V/1.8A 150KHz 45V Buck DC to DC Converter For USB Interface
logo
XLSEMI
XL2012 XLSEMI-XL2012 Datasheet
187Kb / 9P
   5V/2.4A 150KHz 40V Buck DC to DC Converter For USB Interface
logo
List of Unclassifed Man...
XL2012 ETC2-XL2012 Datasheet
242Kb / 9P
   5V/2.4A 150KHz 40V Buck DC to DC Converter For USB Interface
XL2013 ETC2-XL2013 Datasheet
329Kb / 9P
   5V/3.2A 150KHz 40V Buck DC to DC Converter For USB Interface
logo
XLSEMI
XL2013 XLSEMI-XL2013 Datasheet
329Kb / 9P
   5V/3.2A 150KHz 40V Buck DC to DC Converter For USB Interface
logo
Shenzhen Huazhimei Semi...
HM3513 HMSEMI-HM3513 Datasheet
704Kb / 9P
   5V/3.2A 150KHz 40V Buck DC to DC Converter For USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com