Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL3001 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # XL3001
Description  3A 220KHz 40V Buck LED Constant Current Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL3001 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button XL3001 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL3001 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL3001 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL3001 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL3001 Datasheet HTML 9Page - List of Unclassifed Manufacturers XL3001 Datasheet HTML 10Page - List of Unclassifed Manufacturers XL3001 Datasheet HTML 11Page - List of Unclassifed Manufacturers XL3001 Datasheet HTML 12Page - List of Unclassifed Manufacturers XL3001 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Datasheet
3A 220KHz 40V Buck LED Constant Current Driver
XL3001
Rev 1.2
www.xlsemi.com
11
Typical System Application (PWM DIMMING)
PWM dimming function can be used in typical system application with external components.
Changing the duty cycle of PWM signal can get different LED current. The PWM signal high
voltage above 3.3V(referenced to ground, lower than VIN), Low voltage below 0.2V(referenced
to ground).
XL3001
CIN
100uF/50V
COUT
220uF/35V
RCS
L1 100uH/3A
D1
B540C
C1
105
C2
105
4
5,6
7,8
1
VIN
3
IOUT=0.21V/RCS
VIN
VC
SW
GND
CS
CC
105
R1
2K
D2
1N4148
PWM
Figure18. XL3001 System Parameters Test Circuit (PWM DIMMING)
Typical System Application (LED OVP)
LED OVP function can be used in typical system application with external components. The
output voltage can be limited in a suitable value by choose different zener diode when the output
LED open. the zener diode voltage choosed by output led voltage's 1.3 times.
Figure19. XL3001 System Parameters Test Circuit (LED OVP)


Similar Part No. - XL3001

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL3001 XLSEMI-XL3001 Datasheet
379Kb / 13P
   3A 220KHz 40V Buck LED Constant Current Driver
XL3001E1 XLSEMI-XL3001E1 Datasheet
379Kb / 13P
   3A 220KHz 40V Buck LED Constant Current Driver
More results

Similar Description - XL3001

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL3001 XLSEMI-XL3001 Datasheet
379Kb / 13P
   3A 220KHz 40V Buck LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM4101 HMSEMI-HM4101 Datasheet
579Kb / 12P
   220KHz 40V 3A switch current step-down LED constant current driver
logo
List of Unclassifed Man...
XL3003 ETC2-XL3003 Datasheet
444Kb / 14P
   4A 220KHz 36V Buck LED Constant Current Driver
XL3005 ETC2-XL3005 Datasheet
362Kb / 15P
   5A 220KHz 36V Buck LED Constant Current Driver
logo
XLSEMI
XL3005 XLSEMI-XL3005 Datasheet
391Kb / 15P
   5A 220KHz 36V Buck LED Constant Current Driver
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM4103 HMSEMI-HM4103 Datasheet
896Kb / 11P
   220KHz 36V 4A switch current step-down LED constant current driver
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
   Linear buck LED constant current driver
logo
QX Micro Devices Co.,Lt...
QX7135 QXMD-QX7135 Datasheet
2Mb / 2P
   Linear buck LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com