Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL3003 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # XL3003
Description  4A 220KHz 36V Buck LED Constant Current Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL3003 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button XL3003 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 9Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 10Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 11Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 12Page - List of Unclassifed Manufacturers XL3003 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
XLSEMI
Datasheet
4A 220KHz 36V Buck LED Constant Current Driver
XL3003
Rev 1.2
www.xlsemi.com
9
Typical System Application (VIN=8V~36V, IOUT=615mA)
Figure15. XL3003 System Parameters Test Circuit (VIN=8V~36V, IOUT=615mA)
1
2
3
4
5
6
7
8
9
10
40
45
50
55
60
65
70
75
80
85
90
95
100
Efficiency VS LED String
LED String(N*2W)
VIN=8V,IOUT=615mA
VIN=12V,IOUT=615mA
VIN=24V,IOUT=615mA
VIN=36V,IOUT=615mA
Figure16. XL3003 System Efficiency Curve


Similar Part No. - XL3003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL3001 ETC2-XL3001 Datasheet
338Kb / 13P
   3A 220KHz 40V Buck LED Constant Current Driver
logo
XLSEMI
XL3001 XLSEMI-XL3001 Datasheet
379Kb / 13P
   3A 220KHz 40V Buck LED Constant Current Driver
logo
List of Unclassifed Man...
XL3001E1 ETC2-XL3001E1 Datasheet
338Kb / 13P
   3A 220KHz 40V Buck LED Constant Current Driver
logo
XLSEMI
XL3001E1 XLSEMI-XL3001E1 Datasheet
379Kb / 13P
   3A 220KHz 40V Buck LED Constant Current Driver
logo
List of Unclassifed Man...
XL3005 ETC2-XL3005 Datasheet
362Kb / 15P
   5A 220KHz 36V Buck LED Constant Current Driver
More results

Similar Description - XL3003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL3005 ETC2-XL3005 Datasheet
362Kb / 15P
   5A 220KHz 36V Buck LED Constant Current Driver
logo
XLSEMI
XL3005 XLSEMI-XL3005 Datasheet
391Kb / 15P
   5A 220KHz 36V Buck LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM4103 HMSEMI-HM4103 Datasheet
896Kb / 11P
   220KHz 36V 4A switch current step-down LED constant current driver
logo
XLSEMI
XL3001 XLSEMI-XL3001 Datasheet
379Kb / 13P
   3A 220KHz 40V Buck LED Constant Current Driver
logo
List of Unclassifed Man...
XL3001 ETC2-XL3001 Datasheet
338Kb / 13P
   3A 220KHz 40V Buck LED Constant Current Driver
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
Maxim Integrated Produc...
MAX6971 MAXIM-MAX6971_07 Datasheet
251Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 1; 10/07
MAX6971 MAXIM-MAX6971 Datasheet
304Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
   High Efficiency, Constant Current 36V LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com