Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL4013 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # XL4013
Description  4A 180KHz 36V Buck DC to DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL4013 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  XL4013 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL4013 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL4013 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL4013 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL4013 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL4013 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL4013 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL4013 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL4013 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Datasheet
4A 180KHz 36V Buck DC to DC Converter
XL4013
Rev 1.3
www.xlsemi.com
4
Ordering Information
Order Information
Marking ID
Package Type
Packing Type Supplied As
XL4013E1
XL4013E1
TO252-5L
2500 Units on Tape & Reel
XLSEMI Pb-free products, as designated with “E1” suffix in the par number, are RoHS compliant.
Absolute Maximum Ratings(Note1)
Parameter
Symbol
Value
Unit
Input Voltage
Vin
-0.3 to 40
V
Feedback Pin Voltage
VFB
-0.3 to Vin
V
Output Switch Pin Voltage
VOutput
-0.3 to Vin
V
Power Dissipation
PD
Internally limited
mW
Thermal Resistance (TO252)
(Junction to Ambient, No Heatsink, Free Air)
RJA
50
ºC/W
Operating Junction Temperature
TJ
-40 to 125
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10 sec)
TLEAD
260
ºC
ESD (HBM)
>2000
V
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.


Similar Part No. - XL4013

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL4013 XLSEMI-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
XL4013E1 XLSEMI-XL4013E1 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
More results

Similar Description - XL4013

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL4013 XLSEMI-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3103 HMSEMI-HM3103 Datasheet
503Kb / 9P
   4A 180KHz 36V Buck DC to DC Converter
HM3105 HMSEMI-HM3105 Datasheet
474Kb / 9P
   5A 180KHz 36V Buck DC to DC Converter
logo
XLSEMI
XL4015 XLSEMI-XL4015 Datasheet
254Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
XL2009 ETC2-XL2009 Datasheet
243Kb / 9P
   3A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
logo
XLSEMI
XL2009 XLSEMI-XL2009 Datasheet
183Kb / 9P
   3A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
logo
Shenzhen Huazhimei Semi...
HM3108 HMSEMI-HM3108 Datasheet
651Kb / 9P
   3.5A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
logo
List of Unclassifed Man...
XL4016 ETC2-XL4016 Datasheet
250Kb / 10P
   8A 180KHz 40V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3105B HMSEMI-HM3105B Datasheet
581Kb / 10P
   8A 180KHz 40V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com