Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL6006E1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # XL6006E1
Description  180KHz 60V 5A Switching Current Boost LED Constant Current Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL6006E1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  XL6006E1 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL6006E1 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL6006E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL6006E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL6006E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL6006E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL6006E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL6006E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL6006E1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Datasheet
180KHz 60V 5A Switching Current Boost LED Constant Current Driver
XL6006
Rev 1.5
www.xlsemi.com
3
Function Block
Figure3. Function Block Diagram of XL6006
Typical Application Circuit
XL6006
CIN
47uf /16V
D1 SR506
L 47uh/5A
+12V
4
12
5
3
GND
VIN
SW
FB
EN
ON
OFF
350mA
ILED=0.22/RS
Series 16 1W LED
RS
COUT
47uf/60V
Figure4. XL6006 Typical Application Circuit


Similar Part No. - XL6006E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL6006E1 XLSEMI-XL6006E1 Datasheet
304Kb / 11P
   180KHz 60V 5A Switching Current Boost LED Constant Current Driver
More results

Similar Description - XL6006E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL6006 XLSEMI-XL6006 Datasheet
304Kb / 11P
   180KHz 60V 5A Switching Current Boost LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM6286 HMSEMI-HM6286 Datasheet
619Kb / 11P
   180KHz 60V 5A Switching Current Boost LED Constant Current Driver
HM6285 HMSEMI-HM6285 Datasheet
679Kb / 10P
   180KHz 60V 4A Switching Current Boost LED Constant Current Driver
logo
List of Unclassifed Man...
XL6005 ETC2-XL6005 Datasheet
264Kb / 10P
   180KHz 60V 4A Switching Current Boost LED Constant Current Driver
logo
XLSEMI
XL6005 XLSEMI-XL6005 Datasheet
420Kb / 11P
   180KHz 60V 4A Switching Current Boost LED Constant Current Driver
XL6012 XLSEMI-XL6012 Datasheet
443Kb / 14P
   180KHz 60V 5A Switching Current Boost DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6292 HMSEMI-HM6292 Datasheet
1Mb / 13P
   180KHz 60V 5A switching current boost/buck-boost DC-DC converter
logo
XLSEMI
XL6013 XLSEMI-XL6013 Datasheet
307Kb / 12P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM6283 HMSEMI-HM6283 Datasheet
624Kb / 9P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
HM6283B HMSEMI-HM6283B Datasheet
777Kb / 11P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com