Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL6013 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # XL6013
Description  400KHz 60V 2A Switching Current Boost LED Constant Current Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL6013 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button XL6013 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL6013 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL6013 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL6013 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL6013 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL6013 Datasheet HTML 9Page - List of Unclassifed Manufacturers XL6013 Datasheet HTML 10Page - List of Unclassifed Manufacturers XL6013 Datasheet HTML 11Page - List of Unclassifed Manufacturers XL6013 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Datasheet
400KHz 60V 2A Switching Current Boost LED Constant Current Driver
XL6013
Rev 1.0
www.xlsemi.com
11
Package Information
SOP8 Package Mechanical Dimensions


Similar Part No. - XL6013

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL6013 XLSEMI-XL6013 Datasheet
307Kb / 12P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
XL6013E1 XLSEMI-XL6013E1 Datasheet
307Kb / 12P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
More results

Similar Description - XL6013

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL6003 XLSEMI-XL6003 Datasheet
279Kb / 10P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
XL6013 XLSEMI-XL6013 Datasheet
307Kb / 12P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
logo
List of Unclassifed Man...
XL6003 ETC2-XL6003 Datasheet
275Kb / 9P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM6283 HMSEMI-HM6283 Datasheet
624Kb / 9P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
HM6283B HMSEMI-HM6283B Datasheet
777Kb / 11P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
HM6281 HMSEMI-HM6281 Datasheet
496Kb / 9P
   400KHz 32V 2A Switching Current Boost LED Constant Current Driver
logo
XLSEMI
XL6001 XLSEMI-XL6001 Datasheet
317Kb / 9P
   400KHz 32V 2A Switching Current Boost LED Constant Current Driver
logo
List of Unclassifed Man...
XL6001 ETC2-XL6001 Datasheet
233Kb / 9P
   400KHz 32V 2A Switching Current Boost LED Constant Current Driver
logo
XLSEMI
XL6005 XLSEMI-XL6005 Datasheet
420Kb / 11P
   180KHz 60V 4A Switching Current Boost LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM6286 HMSEMI-HM6286 Datasheet
619Kb / 11P
   180KHz 60V 5A Switching Current Boost LED Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com