Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL7005A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # XL7005A
Description  0.4A 150KHz 80V Buck DC to DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL7005A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button XL7005A Datasheet HTML 2Page - List of Unclassifed Manufacturers XL7005A Datasheet HTML 3Page - List of Unclassifed Manufacturers XL7005A Datasheet HTML 4Page - List of Unclassifed Manufacturers XL7005A Datasheet HTML 5Page - List of Unclassifed Manufacturers XL7005A Datasheet HTML 6Page - List of Unclassifed Manufacturers XL7005A Datasheet HTML 7Page - List of Unclassifed Manufacturers XL7005A Datasheet HTML 8Page - List of Unclassifed Manufacturers XL7005A Datasheet HTML 9Page - List of Unclassifed Manufacturers XL7005A Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Datasheet
0.4A 150KHz 80V Buck DC to DC Converter
XL7005A
Rev 1.1
www.xlsemi.com
6
Typical System Application (Recommend output current safe work range)
8
12 16 202428323640 44485256606468727680
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
Recommend output current safe work range
Input voltage(V)
VOUT=5V
16
20
24
28
32
36
40
44
48
52
56
60
64
68
72
76
80
0.10
0.15
0.20
0.25
0.30
0.35
0.40
Recommend output current safe work range
Input voltage(V)
VOUT=12V
Figure5.Max output current(VOUT=5V)
Figure6.Max output current(VOUT=12V)
16
20
24
28
32
36
40
44
48
52
56
60
64
68
72
76
80
0.10
0.15
0.20
0.25
0.30
Recommend output current safe work range
Input voltage(V)
VOUT=15V
Figure7.Max output current(VOUT=15V)


Similar Part No. - XL7005A

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL7005A XLSEMI-XL7005A Datasheet
336Kb / 10P
   0.4A 150KHz 80V Buck DC to DC Converter
More results

Similar Description - XL7005A

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL7005A XLSEMI-XL7005A Datasheet
336Kb / 10P
   0.4A 150KHz 80V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3107B HMSEMI-HM3107B Datasheet
775Kb / 9P
   0.4A 150KHz 80V step-down DC-DC converter
logo
Unisonic Technologies
P1690 UTC-P1690 Datasheet
136Kb / 5P
   0.4A, 150KHZ 65V BUCK DC TO DC CONVERTER
logo
XLSEMI
XL7025 XLSEMI-XL7025 Datasheet
262Kb / 10P
   0.6A 150KHz 80V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL7015 ETC2-XL7015 Datasheet
528Kb / 10P
   0.8A 150KHz 80V Buck DC to DC Converter
logo
XLSEMI
XL7015 XLSEMI-XL7015 Datasheet
337Kb / 10P
   0.8A 150KHz 80V Buck DC to DC Converter
XL7035 XLSEMI-XL7035 Datasheet
176Kb / 10P
   1A 150KHz 80V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL7016 ETC2-XL7016 Datasheet
204Kb / 9P
   0.5A 150KHz 100V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com