Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL7015 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XL7015
Description  0.8A 150KHz 80V Buck DC to DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL7015 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XL7015 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL7015 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL7015 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL7015 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL7015 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL7015 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL7015 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL7015 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL7015 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Datasheet
0.8A 150KHz 80V Buck DC to DC Converter
XL7015
Rev 1.1
www.xlsemi.com
1
Features
Wide 5V to 80V Operation Voltage
Output Adjustable from 1.25V to 20V
Maximum Duty Cycle 100%
Minimum Drop Out 1V
Fixed 150KHz Switching Frequency
Maximum 0.8A Output Current
Recommend output power less than 7W
Internal Optimize HV Power Transistor
High efficiency up to 85%
Excellent line and load regulation
TTL shutdown capability
Built in thermal shutdown function
Built in output short Protection Function
Built in current limit function
TO252-5L package
Applications
Ebike Controller Power Supply
Telecom / Networking Equipment
General Description
The XL7015 is a 150KHz fixed frequency
PWM buck (step-down) DC/DC converter,
capable of driving a 0.8A load with high
efficiency, low ripple and excellent line and
load regulation. Requiring a minimum
number of external components, the regulator
is simple to use and include internal
frequency
compensation
and
a
fixed-frequency oscillator.
The PWM control circuit is able to adjust the
duty ratio linearly from 0 to 100%. An enable
function, an over current protection function
is built inside. When output short protection
function happens, the operation frequency
will be reduced from 150KHz to 45KHz. An
internal compensation block is built in to
minimize external component count.
Figure1. Package Type of XL7015


Similar Part No. - XL7015

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL7015 XLSEMI-XL7015 Datasheet
337Kb / 10P
   0.8A 150KHz 80V Buck DC to DC Converter
XL7015E1 XLSEMI-XL7015E1 Datasheet
337Kb / 10P
   0.8A 150KHz 80V Buck DC to DC Converter
More results

Similar Description - XL7015

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL7015 XLSEMI-XL7015 Datasheet
337Kb / 10P
   0.8A 150KHz 80V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3110B HMSEMI-HM3110B Datasheet
842Kb / 9P
   0.8A 150KHz 80V step-down DC-DC converter
logo
List of Unclassifed Man...
XL7005A ETC2-XL7005A Datasheet
300Kb / 10P
   0.4A 150KHz 80V Buck DC to DC Converter
logo
XLSEMI
XL7025 XLSEMI-XL7025 Datasheet
262Kb / 10P
   0.6A 150KHz 80V Buck DC to DC Converter
XL7005A XLSEMI-XL7005A Datasheet
336Kb / 10P
   0.4A 150KHz 80V Buck DC to DC Converter
XL7035 XLSEMI-XL7035 Datasheet
176Kb / 10P
   1A 150KHz 80V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL7016 ETC2-XL7016 Datasheet
204Kb / 9P
   0.5A 150KHz 100V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1509 HMSEMI-HM1509 Datasheet
324Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com