Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

193PURSISOLAR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 193PURSISOLAR
Description  Aluminum Capacitors Power Ultra High Ripple Current Snap-In for Solar
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

193PURSISOLAR Datasheet(HTML) 1 Page - Vishay Siliconix

  193PURSISOLAR_15 Datasheet HTML 1Page - Vishay Siliconix 193PURSISOLAR_15 Datasheet HTML 2Page - Vishay Siliconix 193PURSISOLAR_15 Datasheet HTML 3Page - Vishay Siliconix 193PURSISOLAR_15 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
193 PUR-SI Solar
www.vishay.com
Vishay BCcomponents
Revision: 13-Mar-15
1
Document Number: 28407
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors
Power Ultra High Ripple Current Snap-In for Solar
Fig. 1
FEATURES
• Long useful life: 6000 h at +105 °C
• Specified for 500 V, 50 °C operation
• High ripple current capability
• High reliability
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Solar PV inverters
• Industrial motor control
• Power supply
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in μF)
• Tolerance code on rated capacitance, code letter in
accordance with IEC 60062 (± 20 %)
• Rated voltage (in V)
• Two digit date code, in accordance with IEC 60062
• Name of manufacturer
• Code for factory of origin
• “-” sign to identify the negative terminal, visible from the
top and side of the capacitor
• Code number
• Climatic category in accordance with IEC 60068
• “LL” for long life grade
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
(D x L in mm)
35 x 30 to 35 x 60
Rated capacitance range, CR
220 μF to 560 μF
Tolerance on CR
± 20 %
Rated voltage, UR
500 V
Rated temperature range
-40 °C to +50 °C
Category voltage, UC
450 V
Category temperature range
-40 °C to +105 °C
Useful life at UC, 105 °C,
IR applied
6000 h
Endurance at UR, 50 °C,
no ripple applied
5000 h
Shelf life at 0 V, 105 °C
1000 h
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/105/56
Max. RMS value of ripple voltage
12 V
159 PUL-SI
(500 V)
193 PUR-SI
Solar
096 PLL-4TSI
Higher
temperature
85 °C
4-Terminal
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
500
220
35 x 30
-
-
-
-
330
-
35 x 40
-
-
-
390
-
-
35 x 45
-
-
470
-
-
-
35 x 50
-
560
-
-
-
-
35 x 60


Similar Part No. - 193PURSISOLAR_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
193PURSI VISHAY-193PURSI Datasheet
106Kb / 7P
   Aluminum Electrolytic Capacitors
More results

Similar Description - 193PURSISOLAR_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
193PUR-SI VISHAY-193PUR-SI Datasheet
90Kb / 4P
   Aluminum Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 21-Jun-12
193PUR-SI-SOLAR VISHAY-193PUR-SI-SOLAR Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
198PHR VISHAY-198PHR_15 Datasheet
102Kb / 8P
   Aluminum Capacitors, Power High Ripple Current Snap-In
Revision: 15-Oct-13
198PHR-SI VISHAY-198PHR-SI Datasheet
98Kb / 7P
   Aluminum Capacitors Power High Ripple Current Snap-In
Revision: 08-Aug-08
198PHR-SI VISHAY-198PHR-SI_16 Datasheet
118Kb / 8P
   Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
Revision: 17-Oct-16
198PHR VISHAY-198PHR Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
198PHR-SI VISHAY-198PHR-SI_V01 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
01-Jan-2023
193PUR-SI VISHAY-193PUR-SI_V01 Datasheet
111Kb / 7P
   Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In
01-Jan-2023
259PHM-SI VISHAY-259PHM-SI Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In
259PHM-SI VISHAY-259PHM-SI_V01 Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com