Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGP0120SD Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # SGP0120SD
Description  Surface Mount Schottky Rectifier Reverse Voltage 20V Forward Current 1A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGP0120SD Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  SGP0120SD_15 Datasheet HTML 1Page - GOOD-ARK Electronics SGP0120SD_15 Datasheet HTML 2Page - GOOD-ARK Electronics SGP0120SD_15 Datasheet HTML 3Page - GOOD-ARK Electronics SGP0120SD_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SGP0120SD
Surface Mount Schottky Rectifier
Reverse Voltage 20V Forward Current 1A
www.goodark.com
4/4
2015.05-Rev.A
These materials are intended as a reference to assist our customers in the selection of the
Suzhou Good-Ark product best suited to the customer ’ s application; they do not convey any
license under any intellectual property rights or any other rights belonging to Suzhou Good-Ark
Disclaimers
license under any intellectual property rights, or any other rights, belonging to Suzhou Good-Ark
Electronics Co., Ltd.or a third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or
infringement of any third-party ’ s rights, originating in the use of any product data, diagrams,
charts, programs, algorithms, or circuit application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts, programs
and algorithms represents information on products at the time of publication of these materials,
and are subject to change by Suzhou Good-Ark Electronics Co., Ltd. without notice due to
product improvements or other reasons. It is therefore recommended that customers contact
Suzhou Good-Ark Electronics Co., Ltd. or an authorized Suzhou Good-Ark Electronics Co., Ltd.
for the latest product information before purchasing a product listed herein. The information
described here may contain technical inaccuracies or typographical errors Suzhou Good-Ark
described here may contain technical inaccuracies or typographical errors. Suzhou Good-Ark
Electronics Co., Ltd. assumes no responsibility for any damage, liability, or other loss rising from
these inaccuracies or errors. Please also pay attention to information published by Suzhou Good-
Ark Electronics Co., Ltd. by various means, including our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data,
di
ht
d l
ith
Pl
b
t
lt
ll if
ti
ttl
diagrams, charts, programs, and algorithms, Please be sure to evaluate all information as a total
system before making a final decision on the applicability of the information and products.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, liability or
other loss resulting from the information contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or
reproduce in whole or in part these materials.
reproduce in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further
details on these materials or the products contained herein.
www.goodark.com
4/4
2015.05-Rev.A


Similar Part No. - SGP0120SD_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGP0120SD GOOD-ARK-SGP0120SD Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - SGP0120SD_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FS14NS GOOD-ARK-FS14NS_15 Datasheet
212Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 1A
SGP011BSL GOOD-ARK-SGP011BSL_15 Datasheet
268Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 1A
FSL13 GOOD-ARK-FSL13_15 Datasheet
211Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 30V Forward Current 1A
FS1BH GOOD-ARK-FS1BH_15 Datasheet
191Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 1A
FSL16 GOOD-ARK-FSL16_15 Datasheet
208Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 1A
FSL14 GOOD-ARK-FSL14_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 1A
SGP0140SL GOOD-ARK-SGP0140SL_15 Datasheet
201Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40~60V Forward Current 1A
LSL12 GOOD-ARK-LSL12 Datasheet
222Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~100V Forward Current 1A
SGP0120SL1 GOOD-ARK-SGP0120SL1_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 1A
FS12 GOOD-ARK-FS12_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~200V Forward Current 1A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com