Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGP1A Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SGP1A
Description  Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGP1A Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SGP1A_15 Datasheet HTML 1Page - GOOD-ARK Electronics SGP1A_15 Datasheet HTML 2Page - GOOD-ARK Electronics SGP1A_15 Datasheet HTML 3Page - GOOD-ARK Electronics SGP1A_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SGP1A thru SGP7A
Surface Mount Glass Passivated Standard Rectifier
Reverse Voltage 50~1000V Forward Current 1A
www.goodark.com
2/4
2015.01-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
www.goodark.com
2/4
2015.01-Rev.A


Similar Part No. - SGP1A_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGP1A GOOD-ARK-SGP1A Datasheet
221Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
logo
SHIKUES Electronics
SGP1A SKTECHNOLGY-SGP1A Datasheet
294Kb / 3P
   Surface Mount Glass Passivated Standard Rectifier
More results

Similar Description - SGP1A_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
A1 GOOD-ARK-A1_15 Datasheet
210Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
F1DS GOOD-ARK-F1DS_15 Datasheet
211Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
SGP1A GOOD-ARK-SGP1A Datasheet
221Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
F1A GOOD-ARK-F1A_15 Datasheet
226Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
V1 GOOD-ARK-V1 Datasheet
156Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
M1 GOOD-ARK-M1 Datasheet
156Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
L1A GOOD-ARK-L1A_15 Datasheet
189Kb / 4P
   Surface Mount Glass Passivated Rectifier Reverse Voltage 50~1000V Forward Current 1A
L2A1 GOOD-ARK-L2A1_15 Datasheet
233Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 2A
FH1 GOOD-ARK-FH1_15 Datasheet
211Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier Reverse Voltage 50~1000V Forward Current 1A
LH1 GOOD-ARK-LH1_15 Datasheet
188Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier Reverse Voltage 50~1000V Forward Current 1A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com