Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGC1560SA Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SGC1560SA
Description  Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 15A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGC1560SA Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SGC1560SA_15 Datasheet HTML 1Page - GOOD-ARK Electronics SGC1560SA_15 Datasheet HTML 2Page - GOOD-ARK Electronics SGC1560SA_15 Datasheet HTML 3Page - GOOD-ARK Electronics SGC1560SA_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SGC1560SA
Surface Mount Schottky Rectifier
Reverse Voltage 60V Forward Current 15A
www.goodark.com
2/4
2014.08-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1.Forward Current Derating Curve
Figure 2. Typical Instantaneous Forward 
Characteristics 
Figure 4. Typical Reverse Characteristics 
Figure 3.Maximum Non‐Repetitive Peak Forward Surge 
Current
Figure 5. Typical Junction Capacitance
www.goodark.com
2/4
2014.08-Rev.A


Similar Part No. - SGC1560SA_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC1560SA GOOD-ARK-SGC1560SA Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - SGC1560SA_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC1560S GOOD-ARK-SGC1560S_15 Datasheet
213Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 15A
SGC1550S GOOD-ARK-SGC1550S_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 50V Forward Current 15A
SGC151BS GOOD-ARK-SGC151BS_15 Datasheet
209Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 15A
SGC1545S GOOD-ARK-SGC1545S_15 Datasheet
250Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
SGC1545SA GOOD-ARK-SGC1545SA_15 Datasheet
257Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
SGP0260SD GOOD-ARK-SGP0260SD_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
SGC2060ST GOOD-ARK-SGC2060ST_15 Datasheet
208Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 20A
FS36 GOOD-ARK-FS36_15 Datasheet
167Kb / 3P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
LSL36 GOOD-ARK-LSL36 Datasheet
192Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
FSL26 GOOD-ARK-FSL26_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com