Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC1510 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GC1510
Description  30 VOLT ABRUPT JUNCTION VARACTOR DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC1510 Datasheet(HTML) 2 Page - Microsemi Corporation

  GC1510 Datasheet HTML 1Page - Microsemi Corporation GC1510 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
30 VOLT ABRUPT JUNCTION VARACTOR DIODES
ELECTRICAL SPECIFICATIONS: TA =25°C
MODEL NUMBER1
TOTAL CAPACITANCE2
(AT-4V, 1 MHz)
Ct-4 (pF)
QUALITY FACTOR3
(AT-4V, 50 MHz)
Q-4 (MIN)
CAPACITANCE RATIO2
CT0/CT30 (MIN)
GC1500A4
0.4
5000
4.2
GC1500B
0.6
4000
3.0
GC1500
0.8
3900
3.3
GC1501
1.0
3800
3.4
GC1502
1.2
3800
3.4
GC1503
1.5
3600
3.5
GC1504
1.8
3500
3.5
GC1505
2.2
3500
3.7
GC1506
2.7
3300
3.7
GC1507
3.3
3100
3.8
GC1508
3.9
2700
3.9
GC1509
4.7
2600
3.9
GC1510
5.6
2600
4.0
GC1511
6.8
2400
4.0
GC1512
8.2
2200
4.0
GC1513
10.0
2200
4.2
NOTES:
1. When ordering, specify the desired case style by adding its number as a suffix to the model number.
Some limitations apply - consult factory for details.
2. These values include a package capacitance of .18 P..
3. Q is calculated from: Q=
1
2πfR C
5 j
where f=50 MHz and
RI = Series resistance measured a 1 GHz using transmission loss techniques. Capacitance is measured at 1 MHz.
4. GC1500A only available in Die Form.
SEMICONDUCTOR OPERATION
75 Technology Drive • Lowell, MA 01851 • Tel: 978-442-5600 • Fax: 978-937-3748
16
Tuning Varactors
TOC


Similar Part No. - GC1510

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GC1510 MICROSEMI-GC1510 Datasheet
132Kb / 3P
   CONTROL DEVICES 30 Volt Abrupt Junction Tuning Varactors
More results

Similar Description - GC1510

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MV20001 MICROSEMI-MV20001 Datasheet
154Kb / 2P
   GaAs Varactor Diodes Abrupt Junction
logo
Knox Semiconductor, Inc
MV1620 KNOX-MV1620 Datasheet
33Kb / 1P
   ABRUPT VARACTOR DIODES
MV1652 KNOX-MV1652 Datasheet
32Kb / 1P
   ABRUPT VARACTOR DIODES
MV830 KNOX-MV830 Datasheet
33Kb / 1P
   ABRUPT VARACTOR DIODES
logo
Advanced Semiconductor
AT6022B-15 ASI-AT6022B-15 Datasheet
21Kb / 1P
   SILICON ABRUPT JUNCTION VARACTOR
logo
Skyworks Solutions Inc.
SMV1470-004 SKYWORKS-SMV1470-004 Datasheet
153Kb / 4P
   Abrupt Junction Tuning Varactor
logo
M/A-COM Technology Solu...
MGV050-X MA-COM-MGV050-X Datasheet
433Kb / 4P
   GaAs Abrupt Varactor Diodes
logo
Advanced Semiconductor
AT6019M ASI-AT6019M Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6017-10 ASI-AT6017-10 Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
AT9017-10 ASI-AT9017-10 Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com