Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7910F68W32HR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B7910F68W32HR
Description  4U Quad-socket Enterprise server platform supporting 8 PCI-e slots
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B7910F68W32HR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B7910F68W32HR Datasheet HTML 1Page - List of Unclassifed Manufacturers B7910F68W32HR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
TYAN Business Unit
MITAC INTERNATIONAL CORP.
FT68-B7910
B7910F68W32HR
Support (4) PCI-e slot
S7910WGM3NR-2T-B
(4) LGA2011 sockets
(8+8+8+8) R-DDR3
1600/1333/1066MHz
Max.1,024GB
(1) GbE and (2) 10GbE ports
M7910F68-BP6-32
32-port SAS 6G/SATA-III
HDD backplane board
M7910F68-FPB
Front Panel Board
(Specifications are subject to change without notice. Items pictured may only be representative.)
Storage
USA
Tel: +1-510-651-8868
Fax: +1-510-651-7688
Taiwan
Tel: +886-2-2652-5888
Fax: +886-2-2652-5805
China
Shanghai Tel: +86-21-61431188 Ext 1366
China Tel:-86-010-62555015 Ext 8302
Japan
Tel: +81-3-3769-8311
Fax: +81-3-3769-8328
Europe
Sales: +32 2456 1721
Technical Support: +32 2456 1722
Hot-swap System FANs
(5+1) 12038
Support (4) PCI-e slot
4U Rackmount
FT68
6.9" x 17.44" x 27.52" (175 x 436 x 688mm)
S7910WGM3NR
45 Kg
(1) PWR (w/ LED) / (1) RST / (1) ID
(1) ID / (1) Warning / (1) HDD
(3) LAN (1) Power
2.5" 9mm higher Hot-Swap / (32)
SAS/SATA 6.0Gb/s
System Cooling
Configuration
(6) 12cm hot-swap fans
ERP1U
Full-range AC(100-240V)
47 - 63 Hertz
1600 Watts
PFC / 80-PLUS Platinum
Intel® E5-4600 series processors
Socket R / (4)
Up to 135W
QPI link upto 8GT/s
Intel® C602
Winbond W83627DHG-P
(8+8+8+8) DIMM slots
DDR3/DDR3L 800 / 1066 / 1333 / 1600
RDIMM, 800 / 1066 / 1333 UDIMM /
LRDIMM / Support DDR3 Unbuffered and
Register ECC
Up to 1024GB RDIMM
4 Channels per CPU
1.5V/ 1.35V
(6) FH/FL PCI-E Gen.3 x16 slots
(2) FH/FL PCI-E Gen.3 x8 slots
(1) M7910-R56-3F1L, PCI-E x16&x8 4U riser
card (right)
(1) M7910-L56-3F1L, PCI-E x16&x8 4U riser
card (left)
(3)
Intel® X540 10GbE Bast-T / Marvell 88E1111
for Dedicated IPMI
Motherboard
Memory voltage
Supported HDD
Interface
Buttons
LEDs
Chipset
Capacity
Memory channel
PCI-E
Pre-installed TYAN
Riser Card
Expansion Slots
Form Factor
Chassis Name
Output Watts
Gross Weight
System
Dimension (H x W x D)
DIMM Type / Speed
Average CPU Power
(ACP) wattage
Front Panel
Controller
LAN
Port Q'ty
Processor
Supported CPU Series
Socket Type / Q'ty
Memory
System Bus
Chipset
Super I/O
Supported DIMM Qty
External Drive
Bay
FAN
Power Supply
Type
Input Range
Frequency
Type / Q'ty
Efficiency
Controller
LSI SAS2308
Speed
6.0 Gb/s
RAID
RAID 0/1/1E/10 (LSI Integrated RAID)
Controller
Intel® C602 series
Speed
6.0 Gb/s
RAID
RAID 0/1/10 (INTEL RAID stack)
D-Sub 15-pin
1920x1200@60Hz
Aspeed AST2300
(4) USB2.0 ports (2 at rear I/O, 2 at Riser
card)
(1) DB-9 port
(1) D-Sub 15-pin VGA port
(3) GbE ports
Winbond W83795G
Monitors voltage for CPU, memory, chipset &
power supply
Monitors temperature for CPU & system
environment
Fan fail LED indicator
Over temperature warning indicator
Chassis intrusion detection
Watchdog timer support
Onboard Aspeed AST2300
IPMI 2.0 compliant baseboard management
controller (BMC)
BIOS update
USB 2.0 virtual hub
24-bit high quality video compression
Dual 10/100 Mb/s MAC interfaces
AMI / 16MB
Plug and Play (PnP)
PCI2.3 /WfM2.0 /SMBIOS2.3 /PXE boot
ACPI 2.0 power management
Power on mode after power recovery
User-configurable H/W monitoring
Auto-configurable of hard disk types
Multiple boot options
Operating
System
Please refer to our OS supported list.
Class A
Yes
10° C ~ 35° C (50° F~ 95° F)
- 40° C ~ 70° C (-40° F ~ 158° F)
90%, non-condensing at 35° C
RoHS
Yes
Chipset
Graphic
Connector type
Resolution
System
Monitoring
LED
(On system front
VGA
RJ-45
Input /Output
USB
COM
Server
Management
Brand / ROM size
Feature
BIOS
Onboard Chipset
AST2300 iKVM Feature
AST2300 IPMI Feature
Regulation
FCC (DoC)
CE (DoC)
Operating
Environment
Operating Temp.
Non-operating Temp.
In/Non-operating
Humidity
RoHS 6/6 Complaint
Chipset
Voltage
Others
OS supported list
Temperature
SATA
SAS
(opt.)
Storage


Similar Part No. - B7910F68W32HR

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7901 EPCOS-B7901 Datasheet
107Kb / 9P
   SAW Rx Filter 1855.0 MHz
B7920 EPCOS-B7920 Datasheet
143Kb / 15P
   SAW Duplexer WCDMA / LTE Band XI
logo
List of Unclassifed Man...
B7922F76U8HR-2T ETC2-B7922F76U8HR-2T Datasheet
1Mb / 2P
   4U4S Server Platform Designed for up to 4x Coprocessor Modules Deployment
B7922F76U8HR-4T ETC2-B7922F76U8HR-4T Datasheet
1Mb / 2P
   4U4S Server Platform Designed for up to 4x Coprocessor Modules Deployment
B7922F76U8HR-4T-HE-X ETC2-B7922F76U8HR-4T-HE-X Datasheet
1Mb / 2P
   4U4S Server Platform Designed for up to 4x Coprocessor Modules Deployment
More results

Similar Description - B7910F68W32HR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S8812 ETC2-S8812 Datasheet
753Kb / 2P
   High-performance quad-socket server platform for enterprise & HPC applications
S8230 ETC2-S8230 Datasheet
683Kb / 2P
   Mainstream dual-socket server platform for enterprise applications
FT48-B8812 ETC2-FT48-B8812 Datasheet
803Kb / 2P
   4U quad-socket SMP server implementation for HPC and enterprise virtualization applications
logo
Advantech Co., Ltd.
SYS-4U4000-5S01 ADVANTECH-SYS-4U4000-5S01 Datasheet
359Kb / 2P
   4U Server-Grade System with 6 x PCI-X slots / 2 x PCIe x8 slots
logo
List of Unclassifed Man...
S8236 ETC2-S8236 Datasheet
751Kb / 2P
   1U/2U-optimized dual-socket server platform for enterprise & GPGPU applications
S8226 ETC2-S8226 Datasheet
827Kb / 2P
   1U/2U-optimized dual-socket server platform for enterprise & IPDC applications
S5533 ETC2-S5533 Datasheet
739Kb / 2P
   Single-socket Server Platform
S7042 ETC2-S7042 Datasheet
858Kb / 2P
   Dual-socket server platform
logo
Advantech Co., Ltd.
MIC-735E-IO ADVANTECH-MIC-735E-IO Datasheet
714Kb / 2P
   NVIDIA IGX Platform for Enterprise Server Tower Chassis
29-May-2023
logo
List of Unclassifed Man...
FS65-B5521-X9 ETC2-FS65-B5521-X9 Datasheet
813Kb / 2P
   4U WITH 9 NODES HIGH DENSITY SERVER PLATFORM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com